Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ2W391E Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EETUQ2W391E
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2W391E Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EETUQ2W391E Datasheet HTML 1Page - Panasonic Semiconductor EETUQ2W391E Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2W391E Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2W391E Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2W391E Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2W391E Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS-UQ Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
270
22 x 25
1.31
1.83
0.737
0.332
A
(No suffix)
J
330
22 x 30
1.75
2.45
0.603
0.271
A
(No suffix)
J
390
22 x 30
1.91
2.67
0.510
0.230
A
(No suffix)
J
25 x 25
1.91
2.67
0.510
0.230
A
(No suffix)
J
470
22 x 35
2.11
2.95
0.423
0.190
A
(No suffix)
J
25 x 30
2.11
2.95
0.423
0.190
A
(No suffix)
J
560
22 x 40
2.25
3.15
0.355
0.160
A
(No suffix)
J
25 x 30
2.25
3.15
0.355
0.160
A
(No suffix)
J
30 x 25
2.25
3.15
0.355
0.160
A
(No suffix)
J
680
22 x 45
2.50
3.50
0.293
0.132
A
(No suffix)
J
25 x 35
2.50
3.50
0.293
0.132
A
(No suffix)
J
30 x 25
2.30
3.22
0.293
0.132
FU
C
30 x 30
2.50
3.50
0.293
0.132
A
(No suffix)
J
820
22 x 50
2.77
3.88
0.243
0.109
A
(No suffix)
J
25 x 40
2.77
3.88
0.243
0.109
A
(No suffix)
J
30 x 30
2.77
3.88
0.243
0.109
A
(No suffix)
J
35 x 25
2.77
3.88
0.243
0.121
A
(No suffix)
J
1000
25 x 45
3.32
4.65
0.199
0.090
A
(No suffix)
J
30 x 35
3.32
4.65
0.199
0.090
A
(No suffix)
J
35 x 30
3.32
4.65
0.199
0.090
A
(No suffix)
J
1200
30 x 40
3.53
4.94
0.166
0.075
A
(No suffix)
J
35 x 35
3.53
4.94
0.166
0.083
A
(No suffix)
J
1500
30 x 50
4.04
5.66
0.133
0.066
A
(No suffix)
J
35 x 40
4.04
5.66
0.133
0.066
A
(No suffix)
J
1800
35 x 45
4.55
6.37
0.111
0.055
A
(No suffix)
J
2200
35 x 50
4.75
6.65
0.098
0.049
A
(No suffix)
J
150
22 x 25
1.12
1.57
1.326
0.663
A
(No suffix)
J
180
22 x 30
1.22
1.71
1.105
0.553
A
(No suffix)
J
220
22 x 35
1.44
2.02
0.904
0.452
A
(No suffix)
J
270
22 x 40
1.66
2.32
0.737
0.368
A
(No suffix)
J
25 x 30
1.66
2.32
0.737
0.368
A
(No suffix)
J
330
22 x 45
1.88
2.63
0.603
0.301
A
(No suffix)
J
25 x 35
1.88
2.63
0.603
0.301
A
(No suffix)
J
390
22 x 50
2.06
2.88
0.510
0.255
A
(No suffix)
J
25 x 40
2.06
2.88
0.510
0.255
A
(No suffix)
J
30 x 30
2.06
2.88
0.510
0.255
A
(No suffix)
J
35 x 25
2.06
2.88
0.510
0.255
A
(No suffix)
J
470
25 x 45
2.40
3.36
0.423
0.212
A
(No suffix)
J
30 x 35
2.40
3.36
0.423
0.212
A
(No suffix)
J
35 x 30
2.40
3.36
0.423
0.233
A
(No suffix)
J
560
25 x 50
2.60
3.64
0.355
0.178
A
(No suffix)
J
30 x 40
2.60
3.64
0.355
0.178
A
(No suffix)
J
35 x 30
2.60
3.64
0.355
0.195
A
(No suffix)
J
680
30 x 45
2.96
4.14
0.293
0.146
A
(No suffix)
J
35 x 35
2.96
4.14
0.293
0.146
A
(No suffix)
J
820
30 x 50
3.25
4.55
0.243
0.121
A
(No suffix)
J
35 x 45
3.25
4.55
0.243
0.121
A
(No suffix)
J
1000
35 x 50
3.54
4.96
0.199
0.109
A
(No suffix)
J
120
22 x 25
1.02
1.43
1.658
0.829
A
(No suffix)
J
150
22 x 30
1.16
1.62
1.326
0.663
A
(No suffix)
J
180
22 x 30
1.30
1.82
1.105
0.553
FU
C
22 x 35
1.44
2.02
1.105
0.553
A
(No suffix)
J
220
22 x 35
1.40
1.96
0.904
0.452
FU
C
22 x 40
1.49
2.09
0.904
0.452
A
(No suffix)
J
25 x 30
1.49
2.09
0.904
0.452
A
(No suffix)
J
270
22 x 45
1.67
2.34
0.737
0.368
A
(No suffix)
J
25 x 35
1.67
2.34
0.737
0.368
A
(No suffix)
J
30 x 30
1.67
2.34
0.737
0.368
A
(No suffix)
J
330
22 x 50
1.90
2.66
0.603
0.301
A
(No suffix)
J
25 x 40
1.90
2.66
0.603
0.301
A
(No suffix)
J
EETUQ2G331B_
EETUQ2G331C_
EETUQ2G271C_
EETUQ2G271D_
400 VDC Working, 450 VDC Surge
EETUQ2G121B_
EETUQ2G151B_
EETUQ2G181B_
EETUQ2G181B_
EETUQ2G221B_
EETUQ2G221B_
EETUQ2G221C_
EETUQ2G271B_
EETUQ2V681D_
EETUQ2V681E_
EETUQ2V821E_
EETUQ2V821D_
EETUQ2V471D_
EETUQ2V471E_
EETUQ2V561D_
EETUQ2V561E_
EETUQ2V391C_
EETUQ2V391D_
EETUQ2V391E_
EETUQ2V471C_
EETUQ2V151B_
EETUQ2V181B_
EETUQ2V221B_
EETUQ2V102E_
EETUQ2V561C_
EETUQ2V271B_
EETUQ2V271C_
EETUQ2V331B_
EETUQ2V331C_
EETUQ2V391B_
EETUQ2E102E_
EETUQ2E122E_
EETUQ2E222E_
350 VDC Working, 400 VDC Surge
EETUQ2E821B_
EETUQ2E182E_
EETUQ2E152E_
EETUQ2E821C_
EETUQ2E821D_
EETUQ2E821E_
EETUQ2E102C_
EETUQ2E102D_
EETUQ2E152D_
EETUQ2E122D_
EETUQ2E391C_
EETUQ2E471B_
EETUQ2E471C_
EETUQ2E681D_
250 VDC Working, 300 VDC Surge
EETUQ2E681D_
EETUQ2E681C_
EETUQ2E271B_
EETUQ2E331B_
EETUQ2E391B_
EETUQ2E681B_
EETUQ2E561D_
EETUQ2E561C_
EETUQ2E561B_
Part Number Suffix Sleeving Options
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
Panasonic
PVC with Top
Plate
PVC without
Top Plate
PET without
Top Plate
D x L
Part Number
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - EETUQ2W391E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2W391KJ PANASONIC-EETUQ2W391KJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
EETUQ2W391LJ PANASONIC-EETUQ2W391LJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ2W391E

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com