Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50-00316 Datasheet(PDF) 1 Page - Tensility International Corp.

Part # 50-00316
Description  20802 Sockeye Place #130 Bend, OR 97701 USA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENSILITY [Tensility International Corp.]
Direct Link  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

50-00316 Datasheet(HTML) 1 Page - Tensility International Corp.

  50-00316 Datasheet HTML 1Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5 ±0.30
21 ±0.50
1.7
+
-
0.10
0
5.8 ±0.30
0.7
1
2
3
1.6
Notes
DIMENSIONS ARE IN MILLIMETERS
WEIGHT:
Part number
5
4
3
2
Initial release
A
2:1
0.5 mm
541.323.4202
20802 Sockeye Place #130
800
X:
11/7/2012
RoHS compliant
1
X.XX:
0.3 mm
X.X:
877.670.7118 www.tensility.com
fax
Bend, OR 97701 USA
0.05 mm
TOLERANCES:
nickel plated, molding type, white insulators
SCALE:
SHEET 1 OF 1
SIZE
A
DESCRIPTION:
Connector, dc plug, 4.75x1.7xL21mm, brass,
Function test: no open, no short circuit, no INT
Date
Description
Revision
50-00316
tel
541.323.3228
Materials
1. Insulator, PBT + 15% glass fiber, white
2. Shell, C2700 brass, 2 μm nickel plated
3. Spring contact, C5191 phosphor bronze, 2 μm nickel
plated


Electrical requirements
Dielectric strength: 1 min @ 500 Vac
Insulation resistance: 100 MΩ @ 500 Vdc
Contact resistance: 30 mΩ or less
Rated voltage: 20 Vdc
Rated current: 6 A

Mechanical requirements
Insertion force: 0.5-3 kgf
Withdrawal force: 0.4-2 kgf
Durability: 5000 mating cycles while maintaining; 0.3-2 kgf
 insertion force, 0.2-1.5 kgf withdrawal force and a less than
100 mΩ contact resistance.

Environmental requirements
Damp test: 40 °C, RH 90-100% for 96 hrs. Cool to ambient
and recover for 2 hours. Maintain dielectric strength of 500
Vac for 1 min, insulation resistance of 50 MΩ @ 500 Vdc
minimum and a contact resistance of 100 mΩ or less.

Dry test: 70 °C, RH 70-85% for 96 hrs. Cool to ambient and
recover for 2 hours. Maintain insulation resistance of 50
MΩ @ 500 Vdc minimum and a contact resistance of 100
mΩ or less.

Salt spray test: 35 °C, RH 90-95%, 5% NaCl mist for 24 hrs.
Wash parts after test. Maintain mechanical requirements
and a contact resistance of less than 80 mΩ.

Operating range
-25 to 70 °C, relative humidity of 85% or less
1.7 ±0.20
16.7 ±0.30
3.5
1.5 ±0.10
0.5 ±0.20
1.5


Similar Part No. - 50-00316

ManufacturerPart #DatasheetDescription
logo
Tensility International...
50-00313 TENSILITY-50-00313 Datasheet
92Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
50-00314 TENSILITY-50-00314 Datasheet
90Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
50-00315 TENSILITY-50-00315 Datasheet
86Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
More results

Similar Description - 50-00316

ManufacturerPart #DatasheetDescription
logo
Tensility International...
11-00018 TENSILITY-11-00018 Datasheet
99Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
50-00057 TENSILITY-50-00057 Datasheet
89Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
11-00013 TENSILITY-11-00013 Datasheet
109Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
11-00020 TENSILITY-11-00020 Datasheet
109Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
50-00028 TENSILITY-50-00028 Datasheet
93Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
11-00017 TENSILITY-11-00017 Datasheet
109Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
11-00019 TENSILITY-11-00019 Datasheet
109Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
50-00026 TENSILITY-50-00026 Datasheet
89Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
50-00027 TENSILITY-50-00027 Datasheet
89Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
11-00011 TENSILITY-11-00011 Datasheet
99Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
11-00015 TENSILITY-11-00015 Datasheet
107Kb / 1P
   20802 Sockeye Place #130 Bend, OR 97701 USA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com