Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPHK03T Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVQPHK03T
Description  Light Touch Switches/EVQPH/EVQQW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPHK03T Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVQPHK03T Datasheet HTML 1Page - Panasonic Semiconductor EVQPHK03T Datasheet HTML 2Page - Panasonic Semiconductor EVQPHK03T Datasheet HTML 3Page - Panasonic Semiconductor EVQPHK03T Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
f3.2 to f3.8
R0.2±0.05
Type EVQPH
Type EVQQW
f2.0 to f3.0
R0.2±0.05
0.3 mm max.
Switch
Mounting surface
Test pole
Leaning angle range
90 û
±5 û
(vertical direction)
T
W
A
E
C
D
r
t
100 to 120
50 to 60
(Normal Temp.)
Soldering Time (s)
Recommended Reflow Temperature Profile
Fan or Normal Temp.
240
200
160
230
180
120
Fan or Normal Temp.
(Normal Temp.)
30 to 40
80 to 90
10 to 15
Soldering Time (s)
Recommended Reflow Temperature Profile
P2 P0
P1
t2
t1
fD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
s Recommended Shape of Test Pole
s Recommended Operating Conditions
q Standard Reel Dimensions in mm (not to scale)
q Embossed Carrier Taping
Part No.
Height
A
B
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVQPH
3.1
3.2±0.2
EVQQW
2.0
7.0±0.2
7.5±0.2
12.0±0.3
5.5±0.1 1.75±0.10 8.0±0.1
2.0±0.1
4.0±0.1
1.5+0.1 0.30±0.05 2.2±0.2
2.5/ 3.1
3.2±0.2
Unit: mm
0
Item
A
B
C
D
E
Rate (mm)
f370.0±2.0 f50.0 min. f13.0±0.5 f21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm) 14.0±1.5
Ñ
1.0 to 3.0
1.0±0.5
Light Touch Switches/EVQPH/EVQQW
s Recommended Reflow Soldering Conditions
q Type PH
q Type QW


Similar Part No. - EVQPHK03T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPHK03T PANASONIC-EVQPHK03T Datasheet
123Kb / 4P
   Surface Mount Light Touch Switches with Knob for Reflow Soldering
More results

Similar Description - EVQPHK03T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com