Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLA31BD601SN4 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # BLA31BD601SN4
Description  EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA31BD601SN4 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button BLA31BD601SN4 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLA31BD601SN4 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLA31BD601SN4 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLA31BD601SN4 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLA31BD601SN4 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLA31BD601SN4 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLA31BD601SN4 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLA31BD601SN4 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLA31BD601SN4 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
22
High Spec Ferrite Bead Ultra low dc resistance and wide impedance line up. Fit for both power lines and signal lines.
BLM03AXSeries (0201 Size)
BLM Series
Universal Type [Power Lines/Signal Lines] Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
s Impedance-Frequency Characteristics
BLM03AX100SN1
BLM03AX800SN1
BLM03AX121SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM03AX
Number of Circuits: 1
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
15000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM03AX100SN1p
10ohm(Typ.)
1000mA
0.05ohm max.
-55
°C to +125°C
BLM03AX800SN1p
80ohm
±25%
500mA
0.18ohm max.
-55
°C to +125°C
BLM03AX121SN1p
120ohm
±25%
450mA
0.23ohm max.
-55
°C to +125°C
BLM03AX241SN1p
240ohm
±25%
350mA
0.38ohm max.
-55
°C to +125°C
BLM03AX601SN1p
600ohm
±25%
250mA
0.85ohm max.
-55
°C to +125°C
BLM03AX102SN1p
1000ohm
±25%
200mA
1.25ohm max.
-55
°C to +125°C
0.6
±0.03
0.3
±0.03
0.15
±0.05
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
1500
1250
1000
750
500
250
0
BLM03AX241SN1
BLM03AX100SN1
BLM03AX800SN1
BLM03AX121SN1
BLM03AX102SN1
BLM03AX601SN1
1
10
100
1000
3000
Frequency (MHz)
0
4
8
12
16
X
R
Z
1
10
100
1000
3000
Frequency (MHz)
0
50
100
150
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
60
120
240
180
Z
R
X
(Resistance element becomes dominant
at high frequencies.)


Similar Part No. - BLA31BD601SN4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA31BD601SN4 MURATA-BLA31BD601SN4 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLA31BD601SN4 MURATA1-BLA31BD601SN4 Datasheet
294Kb / 4P
   BLA31A/B have 4 circuits in 3.2횞1.6mm body with 0.8mm pitch.
Last updated06/21/2022
logo
Murata Manufacturing Co...
BLA31BD601SN4B MURATA-BLA31BD601SN4B Datasheet
133Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA31A/BLA31B Series (1206 Size)
logo
Murata Manufacturing Co...
BLA31BD601SN4B MURATA1-BLA31BD601SN4B Datasheet
294Kb / 4P
   BLA31A/B have 4 circuits in 3.2횞1.6mm body with 0.8mm pitch.
Last updated06/21/2022
logo
Murata Manufacturing Co...
BLA31BD601SN4D MURATA-BLA31BD601SN4D Datasheet
133Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA31A/BLA31B Series (1206 Size)
More results

Similar Description - BLA31BD601SN4

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
logo
Taiyo Yuden (U.S.A.), I...
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
   Multilayer EMI Suppression Filters (T series)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com