Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM21PG121SN1 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # BLM21PG121SN1
Description  EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21PG121SN1 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button BLM21PG121SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21PG121SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM21PG121SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM21PG121SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM21PG121SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM21PG121SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM21PG121SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM21PG121SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM21PG121SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
20
Continued on the following page.
Part Number
Impedance
Rated
Current
at 100MHz/20
°C
at 1GHz/20
°C
BLM21BD152SN1
1500ohm
±25%
200mA
BLM21BD182SN1
1800ohm
±25%
200mA
BLM21BD222TN1
2200ohm
±25%
200mA
BLM21BD222SN1
2250ohm(Typ.)
200mA
BLM21BD272SN1
2700ohm
±25%
200mA
BLM21BB050SN1
5ohm
±25%
500mA
BLM21BB600SN1
60ohm
±25%
200mA
BLM21BB750SN1
75ohm
±25%
200mA
BLM21BB121SN1
120ohm
±25%
200mA
BLM21BD121SN1
120ohm
±25%
200mA
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BLM21BB151SN1
150ohm
±25%
200mA
BLM21BD151SN1
150ohm
±25%
200mA
BLM21BB201SN1
200ohm
±25%
200mA
BLM21BB221SN1
220ohm
±25%
200mA
BLM21BD221SN1
220ohm
±25%
200mA
BLM21BB331SN1
330ohm
±25%
200mA
BLM21BD331SN1
330ohm
±25%
200mA
BLM21BD421SN1
420ohm
±25%
200mA
BLM21BB471SN1
470ohm
±25%
200mA
BLM21BD471SN1
470ohm
±25%
200mA
BLM21BD601SN1
600ohm
±25%
200mA
BLM21BD751SN1
750ohm
±25%
200mA
BLM21BD102SN1
1000ohm
±25%
200mA
BLM21RK121SN1
120ohm
±25%
200mA
BLM21RK221SN1
220ohm
±25%
200mA
BLM21RK471SN1
470ohm
±25%
200mA
BLM21RK601SN1
600ohm
±25%
200mA
BLM21RK102SN1
1000ohm
±25%
200mA
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
1.25
1.25
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
For High Speed Signal Lines
(Sharp Impedance Curve)
For Digital Interface Lines
p67
p72
Type
Size
Code
(Inch)
Thickness
(mm)
0603
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.5
0.8
0.8
0.5
0.5
0.5
0.8
0.8
0.8
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0805
For GHz
Band Noise
For High-GHz Band Noise
For General Signal Lines
For General Signal
Lines
For High Speed
Signal Lines
(Sharp Impedance
Curve)
For Digital Interface
Lines
Universal Type
[Power lines/
Signal lines]
BLM18HG471SN1
470ohm
±25%
600ohm(Typ.)
200mA
BLM18HG601SN1
600ohm
±25%
700ohm(Typ.)
200mA
BLM18HG102SN1
1000ohm
±25%
1000ohm(Typ.)
100mA
BLM18HB121SN1
120ohm
±25%
500ohm
±40%
200mA
BLM18HB221SN1
220ohm
±25%
1100ohm
±40%
100mA
BLM18HB331SN1
330ohm
±25%
1600ohm
±40%
50mA
BLM18HD471SN1
470ohm
±25%
1000ohm(Typ.)
100mA
BLM18HD601SN1
600ohm
±25%
1200ohm(Typ.)
100mA
BLM18HD102SN1
1000ohm
±25%
1700ohm(Typ.)
50mA
BLM18HE601SN1
600ohm
±25%
600ohm(Typ.)
800mA
BLM18HE102SN1
1000ohm
±25%
1000ohm(Typ.)
600mA
BLM18HE152SN1
1500ohm
±25%
1500ohm(Typ.)
500mA
BLM18HK331SN1
330ohm
±25%
400ohm
±40%
200mA
BLM18HK471SN1
470ohm
±25%
600ohm
±40%
200mA
BLM18HK601SN1
600ohm
±25%
700ohm
±40%
100mA
BLM18HK102SN1
1000ohm
±25%
1200ohm
±40%
50mA
BLM18EG101TN1
100ohm
±25%
140ohm(Typ.)
2000mA
BLM18EG121SN1
120ohm
±25%
145ohm(Typ.)
2000mA
BLM18EG221SN1
220ohm
±25%
260ohm(Typ.)
2000mA
BLM18EG221TN1
220ohm
±25%
300ohm(Typ.)
1000mA
BLM18EG331TN1
330ohm
±25%
450ohm(Typ.)
500mA
BLM18EG391TN1
390ohm
±25%
520ohm(Typ.)
500mA
BLM18EG471SN1
470ohm
±25%
550ohm(Typ.)
500mA
BLM18EG601SN1
600ohm
±25%
700ohm(Typ.)
500mA
BLM18GG471SN1
470ohm
±25%
1800ohm
±30%
-
-
-
-
-
-
-
200mA
BLM21AG121SN1
120ohm
±25%
200mA
BLM21AG151SN1
150ohm
±25%
200mA
BLM21AG221SN1
220ohm
±25%
200mA
BLM21AG331SN1
330ohm
±25%
200mA
BLM21AG471SN1
470ohm
±25%
200mA
BLM21AG601SN1
600ohm
±25%
200mA
BLM21AG102SN1
1000ohm
±25%
200mA
p79
p79
p79
p28
p84
p54
BLp Chip Ferrite Bead
Series Line Up


Similar Part No. - BLM21PG121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG121SN1 MURATA-BLM21PG121SN1 Datasheet
123Kb / 4P
   Chip Ferrite Bead
BLM21PG121SN1 MURATA-BLM21PG121SN1 Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG121SN1 MURATA-BLM21PG121SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21PG121SN1 MURATA-BLM21PG121SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM21PG121SN1 MURATA1-BLM21PG121SN1 Datasheet
289Kb / 4P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/15/2022
More results

Similar Description - BLM21PG121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
logo
Taiyo Yuden (U.S.A.), I...
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
   Multilayer EMI Suppression Filters (T series)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com