Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM21PG221SN1 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # BLM21PG221SN1
Description  EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21PG221SN1 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button BLM21PG221SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21PG221SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21PG221SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM21PG221SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21PG221SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM21PG221SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM21PG221SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM21PG221SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM21PG221SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
17
Part Number
Type
Size
Code
(Inch)
Impedance
Rated
Current
at 100MHz/20
°C
at 1GHz/20
°C
BLM02AG100SN1
10ohm(Typ.)
For General Signal Lines
01005
Thickness
(mm)
0.2
0.2
0.2
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
For General Signal Lines
For General Signal Lines
Universal Type
[Power lines/Signal lines]
0201
For High Speed Signal Lines
(Sharp Impedance Curve)
0402
For Power Lines
500mA
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BLM02AG700SN1
70ohm
±25%
250mA
BLM02AG121SN1
120ohm
±25%
200mA
BLM03AG100SN1
10ohm(Typ.)
500mA
BLM03AG700SN1
70ohm(Typ.)
200mA
BLM03AG800SN1
80ohm
±25%
200mA
BLM03AG121SN1
120ohm
±25%
200mA
BLM03AG241SN1
240ohm
±25%
200mA
BLM03AG601SN1
600ohm
±25%
100mA
BLM03AG102SN1
BLM03AX100SN1
BLM03AX800SN1
BLM03AX121SN1
BLM03AX241SN1
BLM03AX601SN1
BLM03AX102SN1
1000ohm
±25%
100mA
BLM03BB100SN1
10ohm
±25%
300mA
BLM03BB220SN1
22ohm
±25%
200mA
BLM03BB470SN1
47ohm
±25%
200mA
BLM03BB750SN1
75ohm
±25%
200mA
BLM03BD750SN1
75ohm
±25%
300mA
BLM03BB121SN1
120ohm
±25%
100mA
BLM03BD121SN1
120ohm
±25%
250mA
BLM03BD241SN1
240ohm
±25%
200mA
BLM03BD471SN1
470ohm
±25%
215mA
BLM03BD601SN1
600ohm
±25%
200mA
-
BLM03BC330SN1
33ohm
±25%
150mA
-
BLM03BC560SN1
56ohm
±25%
100mA
-
BLM03BC800SN1
80ohm
±25%
100mA
BLM03PG220SN1
22ohm
±25%
900mA
BLM03PG330SN1
BLM03HG601SN1
BLM03HG102SN1
33ohm
±25%
750mA
BLM15AG100SN1
10ohm(Typ.)
1000mA
-
120mA
-
150mA
-
175mA
-
200mA
-
1100mA
BLM15AG700SN1
70ohm(Typ.)
500mA
BLM15AG121SN1
120ohm
±25%
500mA
BLM15AG221SN1
220ohm
±25%
300mA
BLM15AG601SN1
600ohm
±25%
300mA
BLM15AG102SN1
BLM15AG601AN1
BLM15AG102AN1
1000ohm
±25%
600ohm
±25%
1000ohm
±25%
200mA
300mA
200mA
BLM15AX100SN1
10ohm(Typ.)
1740mA
BLM15AX700SN1
70ohm
±25%
780mA
BLM15AX121SN1
120ohm
±25%
680mA
BLM15AX221SN1
220ohm
±25%
580mA
BLM15AX601SN1
600ohm
±25%
420mA
BLM15AX102SN1
1000ohm
±25%
350mA
p46
p47
Universal Type
[Power lines/Signal lines]
p22
p57
p30
For General
Signal Lines
For GHz
Band Noise
p75
For High Speed
Signal Lines
p75
p49
p51
p24
10ohm(Typ.)
-
1000mA
80ohm
±25%
-
500mA
120ohm
±25%
-
450mA
240ohm
±25%
-
350mA
600ohm
±25%
-
250mA
1000ohm
±25%
-
200mA
600ohm
±25%
1000ohm
±40%
150mA
1000ohm
±25%
BLM03HD331SN1
330ohm
±25%
BLM03HD471SN1
470ohm
±25%
BLM03HD601SN1
600ohm
±25%
BLM03HD102SN1
1000ohm
±25%
BLM15AX300SN1
30ohm
±25%
1800ohm
±40%
125mA
Continued on the following page.
Chip Ferrite Bead
Series Line Up
BLp


Similar Part No. - BLM21PG221SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG221SN1 MURATA-BLM21PG221SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM21PG221SN1 MURATA-BLM21PG221SN1 Datasheet
123Kb / 4P
   Chip Ferrite Bead
BLM21PG221SN1 MURATA-BLM21PG221SN1 Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG221SN1 MURATA-BLM21PG221SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21PG221SN1 MURATA-BLM21PG221SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results

Similar Description - BLM21PG221SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
logo
Taiyo Yuden (U.S.A.), I...
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
   Multilayer EMI Suppression Filters (T series)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com