Electronic Components Datasheet Search |
|
BLA2AAG221SN4 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd. |
|
BLA2AAG221SN4 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd. |
9 / 88 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 20 Continued on the following page. Part Number Impedance Rated Current at 100MHz/20 °C at 1GHz/20 °C BLM21BD152SN1 1500ohm ±25% 200mA BLM21BD182SN1 1800ohm ±25% 200mA BLM21BD222TN1 2200ohm ±25% 200mA BLM21BD222SN1 2250ohm(Typ.) 200mA BLM21BD272SN1 2700ohm ±25% 200mA BLM21BB050SN1 5ohm ±25% 500mA BLM21BB600SN1 60ohm ±25% 200mA BLM21BB750SN1 75ohm ±25% 200mA BLM21BB121SN1 120ohm ±25% 200mA BLM21BD121SN1 120ohm ±25% 200mA - - - - - - - - - - - - - - - - - - - - - - - - - - - - BLM21BB151SN1 150ohm ±25% 200mA BLM21BD151SN1 150ohm ±25% 200mA BLM21BB201SN1 200ohm ±25% 200mA BLM21BB221SN1 220ohm ±25% 200mA BLM21BD221SN1 220ohm ±25% 200mA BLM21BB331SN1 330ohm ±25% 200mA BLM21BD331SN1 330ohm ±25% 200mA BLM21BD421SN1 420ohm ±25% 200mA BLM21BB471SN1 470ohm ±25% 200mA BLM21BD471SN1 470ohm ±25% 200mA BLM21BD601SN1 600ohm ±25% 200mA BLM21BD751SN1 750ohm ±25% 200mA BLM21BD102SN1 1000ohm ±25% 200mA BLM21RK121SN1 120ohm ±25% 200mA BLM21RK221SN1 220ohm ±25% 200mA BLM21RK471SN1 470ohm ±25% 200mA BLM21RK601SN1 600ohm ±25% 200mA BLM21RK102SN1 1000ohm ±25% 200mA 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 1.25 1.25 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0.85 For High Speed Signal Lines (Sharp Impedance Curve) For Digital Interface Lines p67 p72 Type Size Code (Inch) Thickness (mm) 0603 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.5 0.8 0.8 0.5 0.5 0.5 0.8 0.8 0.8 0.85 0.85 0.85 0.85 0.85 0.85 0.85 0805 For GHz Band Noise For High-GHz Band Noise For General Signal Lines For General Signal Lines For High Speed Signal Lines (Sharp Impedance Curve) For Digital Interface Lines Universal Type [Power lines/ Signal lines] BLM18HG471SN1 470ohm ±25% 600ohm(Typ.) 200mA BLM18HG601SN1 600ohm ±25% 700ohm(Typ.) 200mA BLM18HG102SN1 1000ohm ±25% 1000ohm(Typ.) 100mA BLM18HB121SN1 120ohm ±25% 500ohm ±40% 200mA BLM18HB221SN1 220ohm ±25% 1100ohm ±40% 100mA BLM18HB331SN1 330ohm ±25% 1600ohm ±40% 50mA BLM18HD471SN1 470ohm ±25% 1000ohm(Typ.) 100mA BLM18HD601SN1 600ohm ±25% 1200ohm(Typ.) 100mA BLM18HD102SN1 1000ohm ±25% 1700ohm(Typ.) 50mA BLM18HE601SN1 600ohm ±25% 600ohm(Typ.) 800mA BLM18HE102SN1 1000ohm ±25% 1000ohm(Typ.) 600mA BLM18HE152SN1 1500ohm ±25% 1500ohm(Typ.) 500mA BLM18HK331SN1 330ohm ±25% 400ohm ±40% 200mA BLM18HK471SN1 470ohm ±25% 600ohm ±40% 200mA BLM18HK601SN1 600ohm ±25% 700ohm ±40% 100mA BLM18HK102SN1 1000ohm ±25% 1200ohm ±40% 50mA BLM18EG101TN1 100ohm ±25% 140ohm(Typ.) 2000mA BLM18EG121SN1 120ohm ±25% 145ohm(Typ.) 2000mA BLM18EG221SN1 220ohm ±25% 260ohm(Typ.) 2000mA BLM18EG221TN1 220ohm ±25% 300ohm(Typ.) 1000mA BLM18EG331TN1 330ohm ±25% 450ohm(Typ.) 500mA BLM18EG391TN1 390ohm ±25% 520ohm(Typ.) 500mA BLM18EG471SN1 470ohm ±25% 550ohm(Typ.) 500mA BLM18EG601SN1 600ohm ±25% 700ohm(Typ.) 500mA BLM18GG471SN1 470ohm ±25% 1800ohm ±30% - - - - - - - 200mA BLM21AG121SN1 120ohm ±25% 200mA BLM21AG151SN1 150ohm ±25% 200mA BLM21AG221SN1 220ohm ±25% 200mA BLM21AG331SN1 330ohm ±25% 200mA BLM21AG471SN1 470ohm ±25% 200mA BLM21AG601SN1 600ohm ±25% 200mA BLM21AG102SN1 1000ohm ±25% 200mA p79 p79 p79 p28 p84 p54 BLp Chip Ferrite Bead Series Line Up |
Similar Part No. - BLA2AAG221SN4 |
|
Similar Description - BLA2AAG221SN4 |