Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF40C-10DS-0.4V Datasheet(PDF) 9 Page - Hirose Electric

Part # DF40C-10DS-0.4V
Description  0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF40C-10DS-0.4V Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF40C-10DS-0.4V Datasheet HTML 5Page - Hirose Electric DF40C-10DS-0.4V Datasheet HTML 6Page - Hirose Electric DF40C-10DS-0.4V Datasheet HTML 7Page - Hirose Electric DF40C-10DS-0.4V Datasheet HTML 8Page - Hirose Electric DF40C-10DS-0.4V Datasheet HTML 9Page - Hirose Electric DF40C-10DS-0.4V Datasheet HTML 10Page - Hirose Electric DF40C-10DS-0.4V Datasheet HTML 11Page - Hirose Electric DF40C-10DS-0.4V Datasheet HTML 12Page - Hirose Electric DF40C-10DS-0.4V Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DF40 Series0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
9
2±0.5
5
J
G
G
H
Unreeling direction
Part number label
J
8±0.1
2±0.1
4±0.1
H
H-H
E±0.5
D±1
G-G
R0.75
+0.1
0
0.3±0.1
Embossed Carrier Tape Dimensions
- Receptacle (stacking Height : 2.0mm to 3.0mm)
Stacking Height : 2.0mm
Unit: mm
Stacking Height : 2.5mm
Unit: mm
Stacking Height : 3.0mm
Unit: mm
Reel Dimensions
Part Number
A
B
C
D
E
F
DF40C(2.0)-12DS-0.4V(51)
16.0
----
7.5
21.5
17.5
2.2
DF40C(2.0)-20DS-0.4V(51)
16.0
----
7.5
21.5
17.5
2.2
DF40C(2.0)-24DS-0.4V(51)
16.0
----
7.5
21.5
17.5
2.2
DF40C(2.0)-30DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.2
DF40C(2.0)-40DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.2
DF40C(2.0)-44DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.2
DF40C(2.0)-50DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.2
DF40C(2.0)-60DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.2
DF40C(2.0)-70DS-0.4V(51)
32.0
28.4
14.2
37.5
33.5
2.2
DF40C(2.0)-80DS-0.4V(51)
32.0
28.4
14.2
37.5
33.5
2.2
Part Number
A
B
C
D
E
F
DF40HC(2.5)-20DS-0.4V(51)
16.0
----
7.5
21.5
17.5
2.72
DF40HC(2.5)-30DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.72
DF40HC(2.5)-40DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.72
DF40HC(2.5)-50DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.72
DF40HC(2.5)-60DS-0.4V(51)
24.0
----
11.5
29.5
25.5
2.72
Part Number
A
B
C
D
E
F
DF40HC(3.0)-30DS-0.4V(51)
24.0
----
11.5
29.5
25.5
3.15
DF40HC(3.0)-44DS-0.4V(51)
24.0
----
11.5
29.5
25.5
3.15
DF40HC(3.0)-50DS-0.4V(51)
24.0
----
11.5
29.5
25.5
3.15
DF40HC(3.0)-60DS-0.4V(51)
24.0
----
11.5
29.5
25.5
3.15
DF40HC(3.0)-70DS-0.4V(51)
32.0
28.4
14.2
37.5
33.5
3.15
DF40HC(3.0)-80DS-0.4V(51)
32.0
28.4
14.2
37.5
33.5
3.15
DF40HC(3.0)-90DS-0.4V(51)
44.0
40.4
20.2
49.5
45.5
3.15
DF40HC(3.0)-100DS-0.4V(51)
44.0
40.4
20.2
49.5
45.5
3.15
Note : Bottom side deed holes are added to embossed tape when A = 32.0 or greater


Similar Part No. - DF40C-10DS-0.4V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DF40C-60DP-0.4V-51 TI-DF40C-60DP-0.4V-51 Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - DF40C-10DS-0.4V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XB4A OMRON-XB4A_1 Datasheet
387Kb / 3P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com