Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1425A-PL84C Datasheet(PDF) 1 Page - Microsemi Corporation

Part # A1425A-PL84C
Description  Up to 10,000 Gate Array Equivalent Gates (up to 25,000 equivalent PLD Gates)
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1425A-PL84C Datasheet(HTML) 1 Page - Microsemi Corporation

  A1425A-PL84C Datasheet HTML 1Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 2Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 3Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 4Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 5Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 6Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 7Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 8Page - Microsemi Corporation A1425A-PL84C Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
January 2012
I
© 2012 Microsemi Corporation
Accelerator Series FPGAs – ACT 3 Family
Features
• Up to 10,000 Gate Array Equivalent Gates (up to 25,000
equivalent PLD Gates)
• Highly Predictable Performance with 100% Automatic Place-
and-Route
• As Low as 9.0 ns Clock-to-Output Times (–1 Speed Grade)
• Up to 186 MHz On-Chip Performance (–1 Speed Grade)
• Up to 228 User-Programmable I/O Pins
• Four Fast, Low-Skew Clock Networks
• More than 500 Macro Functions
• Replaces up to Twenty 32 Macro-Cell CPLDs
• Replaces up to One Hundred 20-Pin PAL® Packages
• Up to 1,153 Dedicated Flip-Flops
• VQFP, TQFP, BGA, and PQFP Packages
• Nonvolatile, User Programmable
• Fully Tested Prior to Shipment
• 5.0 V and 3.3 V Versions
• Optimized for Logic Synthesis Methodologies
• Low Power CMOS Technology
Table 1 • ACT 3 Family Product Information
Device
A1415
A1425
A1440
A1460
A14100
Capacity
Gate Array Equivalent Gates
1,500
2,500
4,000
6,000
10,000
PLD Equivalent Gates
3,750
6,250
10,000
15,000
25,000
TTL Equivalent Package (40 gates)
40
60
100
150
250
20-Pin PAL Equivalent Packages (100 gates)
15
25
40
60
100
Logic Modules
200
310
564
848
1,377
S-Module
104
160
288
432
697
C-Module
96
150
276
416
680
Dedicated Flip-Flops1
264
360
568
768
1,153
User I/Os (maximum)
80
100
140
168
228
Maximum Performance2 (worst-case commercial, –1 speed grade)
Chip-to-Chip3 (MHz)
80
80
80
78
76
Accumulators (16-bit, MHz)
47
47
47
47
47
Loadable Counter (16-bit, MHz)
82
82
82
82
78
Prescaled Loadable Counters (16-bit, MHz)
186
186
186
150
150
Datapath, Shift Registers (MHz)
186
186
186
150
150
Clock-to-Output (pad-to-pad, ns)
9.0
9.0
9.5
10.0
10.5
Packages4 (by pin count)
CPGA
PLCC
PQFP
RQFP
VQFP
TQFP
BGA
CQFP
PG1005
PL84
PQ100
VQ100
PG1335
PL84
PQ100, PQ160
VQ100
CQ132
PG1755
PL84
PQ160
VQ100
TQ176
PG207
PQ160, PQ208
TQ176
BG2255
CQ196
PG257
RQ208
BG313
CQ256
Notes:
1. One flip-flop per S0Module, two flip-flops per I/O Module.
2. Based on A1415A-1, A1425A-1, A1440A-1, A1460A-1, and A14100A-1.
3. Clock-to-Output (pad-to-pad) + assumed trace delay + setup time. Refer to the "System Performance Model" on page 1-1 and
Table 1-1 on page 1-2.
4. See the "Product Plan" table on page III for package availability.
5. Discontinued device and package combination.
6. –2 and –3 speed grades have been discontinued. For more information about discontinued devices, refer to the Product
Discontinuation Notices (PDNs) listed below, available on the Microsemi SoC Products Group website:
PDN March 2001, PDN 0104, PDN 0203, PDN 0604, PDN 1004
Revision 3


Similar Part No. - A1425A-PL84C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-PG133B ACTEL-A1425A-PG133B Datasheet
1Mb / 98P
   HiRel FPGAs
A1425A-PG133B ACTEL-A1425A-PG133B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A1425A-PL84C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1225A-PQ100I MICROSEMI-A1225A-PQ100I Datasheet
2Mb / 54P
   Up to 8,000 Gate Array Gates(20,000 PLD equivalent gates)
logo
STANLEY ELECTRIC CO.,LT...
VTAN1111C-TR STANLEY-VTAN1111C-TR Datasheet
579Kb / 22P
   Equivalent to JEDEC MSL3
VCEW1151CCS-TR STANLEY-VCEW1151CCS-TR Datasheet
675Kb / 25P
   Equivalent to JEDEC Level 2a
SJW1151CKS-100-TR STANLEY-SJW1151CKS-100-TR Datasheet
629Kb / 24P
   Equivalent to JEDEC Level 2a
VCEW1151CDS-3BZH3-TR STANLEY-VCEW1151CDS-3BZH3-TR Datasheet
595Kb / 24P
   Equivalent to JEDEC Level 2a
VCKW1151CA3S-TR STANLEY-VCKW1151CA3S-TR Datasheet
682Kb / 25P
   Equivalent to JEDEC Level 2a
logo
ATMEL Corporation
MG2RT ATMEL-MG2RT_14 Datasheet
225Kb / 13P
   Full Range of Matrices with up to 480K Gates
logo
Sharp Corporation
LZ9FC23 SHARP-LZ9FC23 Datasheet
845Kb / 23P
   LZ9F SERIES 7000 GATES GATE ARRAY
logo
Micross Components
AS10515F16MIL MICROSS-AS10515F16MIL Datasheet
169Kb / 4P
   Military Equivalent Screening
logo
Texas Instruments
SE5534JGB TI-SE5534JGB Datasheet
541Kb / 20P
[Old version datasheet]   Equivalent Input Noise Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com