Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN2N3439 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JAN2N3439
Description  This family of high-frequency, epitaxial planar transistors feature low saturation voltage.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N3439 Datasheet(HTML) 2 Page - Microsemi Corporation

  JAN2N3439 Datasheet HTML 1Page - Microsemi Corporation JAN2N3439 Datasheet HTML 2Page - Microsemi Corporation JAN2N3439 Datasheet HTML 3Page - Microsemi Corporation JAN2N3439 Datasheet HTML 4Page - Microsemi Corporation JAN2N3439 Datasheet HTML 5Page - Microsemi Corporation JAN2N3439 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LDS-0022, Rev. 4 (111683)
©2011 Microsemi Corporation
Page 2 of 6
2N3439 thru 2N3440
MECHANICAL and PACKAGING
• CASE: Hermetically sealed, kovar base, nickel cap.
• TERMINALS: Tin/lead solder dip or RoHS compliant pure tin (commercial grade only) plate over gold.
• MARKING: Part number, date code, manufacturer’s ID.
• POLARITY: NPN (see package outline).
• WEIGHT: Approximately 1.064 grams.
• See Package Dimensions on last page.
PART NOMENCLATURE
JAN
2N3439
(e3)
Reliability Level
JAN = JAN Level
JANTX = JANTX Level
JANTXV = JANTXV Level
JANS = JANS Level
Blank = Commercial
JEDEC type number
(see Electrical Characteristics
table)
RoHS Compliance (available
on commercial grade only)
e3 = RoHS compliant with pure
tin plate
e4 = RoHS compliant with gold
plate
Blank = non-RoHS compliant
SYMBOLS & DEFINITIONS
Symbol
Definition
Cobo
Common-base open-circuit output capacitance.
ICEO
Collector cutoff current, base open.
ICEX
Collector cutoff current, circuit between base and emitter.
IEBO
Emitter cutoff current, collector open.
hFE
Common-emitter static forward current transfer ratio.
VCEO
Collector-emitter voltage, base open.
VCBO
Collector-emitter voltage, emitter open.
VEBO
Emitter-base voltage, collector open.


Similar Part No. - JAN2N3439

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N3439 MICROSEMI-JAN2N3439 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
logo
Solitron Devices Inc.
JAN2N3439 SOLITRON-JAN2N3439 Datasheet
136Kb / 2P
   NPN LOW POWER TRANSISTORS - 1
logo
Microsemi Corporation
JAN2N3439E3 MICROSEMI-JAN2N3439E3 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N3439E4 MICROSEMI-JAN2N3439E4 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
More results

Similar Description - JAN2N3439

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS2N3439 MICROSEMI-JANS2N3439 Datasheet
312Kb / 6P
   This family of high-frequency, epitaxial planar transistors feature low saturation voltage.
logo
Cystech Electonics Corp...
BTB1197N3 CYSTEKEC-BTB1197N3 Datasheet
268Kb / 5P
   Low Saturation PNP Epitaxial Planar Transistor
BTB589N3 CYSTEKEC-BTB589N3 Datasheet
263Kb / 5P
   Low Saturation PNP Epitaxial Planar Transistor
logo
Diotec Semiconductor
MPSA42 DIOTEC-MPSA42 Datasheet
108Kb / 2P
   High voltage Si-epitaxial planar transistors
MPSA42-BK DIOTEC-MPSA42-BK Datasheet
93Kb / 2P
   High voltage Si-epitaxial planar transistors
MPSA44 DIOTEC-MPSA44 Datasheet
103Kb / 2P
   High voltage Si-epitaxial planar transistors
MPSA92 DIOTEC-MPSA92_09 Datasheet
106Kb / 2P
   High voltage Si-epitaxial planar transistors
MPSA44-BK DIOTEC-MPSA44-BK Datasheet
93Kb / 2P
   High voltage Si-epitaxial planar transistors
MPSA42 DIOTEC-MPSA42_10 Datasheet
103Kb / 2P
   High voltage Si-epitaxial planar transistors
MPSA92 DIOTEC-MPSA92 Datasheet
108Kb / 2P
   High voltage Si-epitaxial planar transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com