Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50A-15P-1V Datasheet(PDF) 3 Page - Hirose Electric

Part # DF50A-15P-1V
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-15P-1V Datasheet(HTML) 3 Page - Hirose Electric

  DF50A-15P-1V Datasheet HTML 1Page - Hirose Electric DF50A-15P-1V Datasheet HTML 2Page - Hirose Electric DF50A-15P-1V Datasheet HTML 3Page - Hirose Electric DF50A-15P-1V Datasheet HTML 4Page - Hirose Electric DF50A-15P-1V Datasheet HTML 5Page - Hirose Electric DF50A-15P-1V Datasheet HTML 6Page - Hirose Electric DF50A-15P-1V Datasheet HTML 7Page - Hirose Electric DF50A-15P-1V Datasheet HTML 8Page - Hirose Electric DF50A-15P-1V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DF50 Series1mm Pitch, Board to Cable Lock Connector
[Specification Number : **, (**) ]
(51): Gold plating, embossed packaging
(52): Gold plating, embossed packaging,
with adsorption cap
Double-row straight pin header
B
Recommended pattern schematic
*: No. of Contacts
Unit : mm
Product No.
HRS No.
No. of Contacts
A
B
C
D
E
F
G
DF50-20DP-1V (**)
CL665-0019-3-**
20
13.18
9
14.2
28.4
32
38.4
32.4
DF50-30DP-1V (**)
CL665-0001-8-**
30
18.18
14
14.2
28.4
32
38.4
32.4
DF50-40DP-1V (**)
CL665-0005-9-**
40
23.18
19
20.2
40.4
44
50.4
44.4
DF50-50DP-1V (**)
CL665-0011-1-**
50
28.18
24
20.2
40.4
44
50.4
44.4
(Note) Please place orders for embossed packaged products by the multiple of the number of reels. (1,000 connectors per reel)
B​​​
Emboss tape dimensions
(in conformity to JIS C 0806)
B​​​
Reel Condition Dimensions
A
A
A-A
12±0.1
4±0.1
R0.75
+0.1
0
Ø1.5
+0.1
0
2±0.1
Unreeling direction
Contact No.1
(2.395)(Center of adsorption area)
Product Label
Unreeling direction
F MAX
G
+2
0
P=1
B
A
8.15
Contact No.2
Contact No.*
Contact No. *-1
Contact No.1
Contact No.1 mark
0.9±0.05
0.85 MIN
B±0.05
0.6±0.05
P=1±0.05
Contact No.2
Contact No.*
Contact No.*-1
Contact No.1


Similar Part No. - DF50A-15P-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-15P-1V HIROSE-DF50A-15P-1V Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 DF50A-15P-1V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com