Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH26-61S-0.3SHW Datasheet(PDF) 4 Page - Hirose Electric

Part # FH26-61S-0.3SHW
Description  0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH26-61S-0.3SHW Datasheet(HTML) 4 Page - Hirose Electric

  FH26-61S-0.3SHW Datasheet HTML 1Page - Hirose Electric FH26-61S-0.3SHW Datasheet HTML 2Page - Hirose Electric FH26-61S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH26-61S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH26-61S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH26-61S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH26-61S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH26-61S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH26-61S-0.3SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FH26 Series
G0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
(0.23:Metal mask)
(0.23:Metal mask)
0.6
±0.05
0.5
±0.05
0.4
±0.05
(0.3:Metal mask)
0.6
±0.05
0.3
±0.05
0.3
±0.03
Outline of
the connector
B
±0.05
C
±0.05
0.3
±0.03
Recommended metal mask thickness: t=0.1
IRecommended PCB mounting pattern and metal mask dimensions
0.6
±0.07
(0.05)
(0.15)
0.6
±0.07
(0.2)
(0.07)
0.6
±0.02
B
±0.03
0.3
±0.07
H
C
±0.03
F
±0.05
0.3
±0.07
R0.2
MAX
0.3
±0.02
0.2
±0.03
0.3
+0.04
-0.03
0.3
+0.04
-0.03
0.1
±0.02
(0.15)
(0.2)
A
B
(Lead plated 0.1 MAX)
IRecommended FPC Dimensions
Detail H
Dimention M must be 0.5mm minimum when the stiffener is shorter than 3.5 min.
1
All dimensions: mm
Part Number
FH26-13S-0.3SHW(**)
FH26-15S-0.3SHW(**)
FH26-17S-0.3SHW(**)
FH26-21S-0.3SHW(**)
FH26-23S-0.3SHW(**)
FH26-25S-0.3SHW(**)
FH26-27S-0.3SHW(**)
FH26-29S-0.3SHW(**)
FH26-31S-0.3SHW(**)
FH26-33S-0.3SHW(**)
FH26-35S-0.3SHW(**)
FH26-37S-0.3SHW(**)
FH26-39S-0.3SHW(**)
FH26-41S-0.3SHW(**)
FH26-45S-0.3SHW(**)
FH26-51S-0.3SHW(**)
FH26-55S-0.3SHW(**)
FH26-57S-0.3SHW(**)
FH26-61S-0.3SHW(**)
FH26-71S-0.3SHW(**)
580-0209-3-**
580-0218-4-**
580-0217-1-**
580-0207-8-**
580-0203-7-**
580-0208-0-**
580-0204-0-**
580-0216-9-**
580-0214-3-**
580-0210-2-**
580-0205-2-**
580-0224-7-**
580-0201-1-**
580-0206-5-**
580-0211-5-**
580-0200-9-**
580-0221-9-**
580-0212-8-**
580-0213-0-**
580-0202-4-**
13
15
17
21
23
25
27
29
31
33
35
37
39
41
45
51
55
57
61
71
CL No.
Number of
Contacts
3.0
3.6
4.2
5.4
6.0
6.6
7.2
7.8
8.4
9.0
9.6
10.2
10.8
11.4
12.6
14.4
15.6
16.2
17.4
20.4
B
3.6
4.2
4.8
6.0
6.6
7.2
7.8
8.4
9.0
9.6
10.2
10.8
11.4
12.0
13.2
15.0
16.2
16.8
18.0
21.0
C
4.2
4.8
5.4
6.6
7.2
7.8
8.4
9.0
9.6
10.2
10.8
11.4
12.0
12.6
13.8
15.6
16.8
17.4
18.6
21.6
F
Part Number
FH26W-13S-0.3SHW(**)
FH26W-15S-0.3SHW(**)
FH26W-17S-0.3SHW(**)
FH26W-19S-0.3SHW(**)
FH26W-21S-0.3SHW(**)
FH26W-23S-0.3SHW(**)
FH26W-25S-0.3SHW(**)
FH26W-27S-0.3SHW(**)
FH26W-29S-0.3SHW(**)
FH26W-31S-0.3SHW(**)
FH26W-33S-0.3SHW(**)
FH26W-35S-0.3SHW(**)
FH26W-37S-0.3SHW(**)
FH26W-39S-0.3SHW(**)
FH26W-41S-0.3SHW(**)
FH26W-45S-0.3SHW(**)
FH26W-51S-0.3SHW(**)
FH26W-57S-0.3SHW(**)
FH26W-61S-0.3SHW(**)
FH26W-71S-0.3SHW(**)
580-2401-1-**
580-2402-4-**
580-2403-7-**
580-2437-9-**
580-2404-0-**
580-2405-2-**
580-2406-5-**
580-2400-9-**
580-2407-8-**
580-2408-0-**
580-2409-3-**
580-2410-2-**
580-2411-5-**
580-2412-8-**
580-2413-0-**
580-2414-3-**
580-2415-6-**
580-2417-1-**
580-2418-4-**
580-2419-7-**
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
45
51
57
61
71
CL No.
Number of
Contacts
3.0
3.6
4.2
4.8
5.4
6.0
6.6
7.2
7.8
8.4
9.0
9.6
10.2
10.8
11.4
12.6
14.4
16.2
17.4
20.4
B
3.6
4.2
4.8
5.4
6.0
6.6
7.2
7.8
8.4
9.0
9.6
10.2
10.8
11.4
12.0
13.2
15.0
16.8
18.0
21.0
C
4.2
4.8
5.4
6.0
6.6
7.2
7.8
8.4
9.0
9.6
10.2
10.8
11.4
12.0
12.6
13.8
15.6
17.4
18.6
21.6
F
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH26-61S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-61S-0.3SHW HIROSE-FH26-61S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results

Similar Description - FH26-61S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com