Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FST3244 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FST3244
Description  Octal Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3244 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FST3244 Datasheet HTML 1Page - Fairchild Semiconductor FST3244 Datasheet HTML 2Page - Fairchild Semiconductor FST3244 Datasheet HTML 3Page - Fairchild Semiconductor FST3244 Datasheet HTML 4Page - Fairchild Semiconductor FST3244 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 7: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage the source (zero output impedance).
Capacitance (Note 8)
Note 8: TA
25qC, f 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
: source terminated in 50 :
Note: CL includes load and stray capacitance
Note: Input PRR
1.0 MHz, tW
500 nS
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA 40 qC to 85 qC,
CL 50pF, RU RD 500:
Units
Conditions
Figure No.
VCC 4.5 – 5.5V
VCC 4.0V
Min
Max
Min
Max
tPHL,tPLH
Prop Delay Bus to Bus (Note 7)
0.25
0.25
ns
VI OPEN
Figures 1, 2
tPZH, tPZL
Output Enable Time
1.0
5.6
6.1
ns
VI 7V for tPZL
Figures 1, 2
VI OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.0
6.2
5.6
ns
VI 7V for tPLZ
Figures 1, 2
VI OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC 5.0V
CI/O
Input/Output Capacitance
5
pF
VCC, OE 5.0V


Similar Part No. - FST3244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
459Kb / 9P
   8-Bit Bus Switch
FST3244MTCX FAIRCHILD-FST3244MTCX Datasheet
459Kb / 9P
   8-Bit Bus Switch
FST3244QSCX FAIRCHILD-FST3244QSCX Datasheet
459Kb / 9P
   8-Bit Bus Switch
FST3244WMX FAIRCHILD-FST3244WMX Datasheet
459Kb / 9P
   8-Bit Bus Switch
FST3244 FAIRCHILD-FST3244_08 Datasheet
459Kb / 9P
   8-Bit Bus Switch
More results

Similar Description - FST3244

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com