Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH26W-13S-0.3SHW Datasheet(PDF) 1 Page - Hirose Electric

Part # FH26W-13S-0.3SHW
Description  0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH26W-13S-0.3SHW Datasheet(HTML) 1 Page - Hirose Electric

  FH26W-13S-0.3SHW Datasheet HTML 1Page - Hirose Electric FH26W-13S-0.3SHW Datasheet HTML 2Page - Hirose Electric FH26W-13S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH26W-13S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH26W-13S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH26W-13S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH26W-13S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH26W-13S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH26W-13S-0.3SHW Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IFeatures
1. Extremely light weight
The typical version, with all 51 contacts loaded, weights
only 0.1 grams.
2. Easy solderability on the PC board
The soldering leads are on 0.6 mm pitch, exiting on front
and back of the connector.
3. Conductive traces on the PCB can run under the
connector
No exposed contacts on the bottom of the connector.
4. Easy FPC insertion and reliable electrical
connection
Proven Flip LockR actuator allows easy insertion of FPC.
Tactile sensation when fully closed confirms complete
electrical and mechanical connection.
5. Accepts standard thickness FPC
0.2mm thick standard Flexible Printed Circuit board can be
used.
This is the only ultra-low profile ZIF connector allowing the
use of standard FPC.
6. Board placement with automatic equipment
Flat top surface and packaging on the tape-and-reel allows
use of vacuum nozzles.
Standard reel contains 5,000 connectors.
7. The connector does not use chlorine and
bromine exceeding standard limits.
(FH26W series)
* Defined in accordance with IEC61249-2-21
Br 900ppm or lower, Cl 900ppm or lower, Br + Cl
1,500ppm or lower
8. Available for 500 pieces packaging
Although the normal product is 5,000 pieces per reel,
500 winds per reel is also available.
(Emboss reel external diameter is Ø180mm.)
1
2010.9
16.8mm
GSpace saving(51 pos. shown)
GCan be mounted over conductive traces.
Metal fittings do no protrude
outside of the connector body
No exposed contacts on the bottom
of the connector
3.2mm
FPC
FPC
Actuator
Actuator
Actuator
FPC
GOperation
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
(3) Close the actuator
(4) FPC connected
q
w
r
e
0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 Series
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
(1) Actuator open
(2) Insert FPC
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH26W-13S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26W-13S-0.3SHW HIROSE-FH26W-13S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results

Similar Description - FH26W-13S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com