Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH12-24S-0.5SH Datasheet(PDF) 2 Page - Hirose Electric

Part # FH12-24S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12-24S-0.5SH Datasheet(HTML) 2 Page - Hirose Electric

  FH12-24S-0.5SH Datasheet HTML 1Page - Hirose Electric FH12-24S-0.5SH Datasheet HTML 2Page - Hirose Electric FH12-24S-0.5SH Datasheet HTML 3Page - Hirose Electric FH12-24S-0.5SH Datasheet HTML 4Page - Hirose Electric FH12-24S-0.5SH Datasheet HTML 5Page - Hirose Electric FH12-24S-0.5SH Datasheet HTML 6Page - Hirose Electric FH12-24S-0.5SH Datasheet HTML 7Page - Hirose Electric FH12-24S-0.5SH Datasheet HTML 8Page - Hirose Electric FH12-24S-0.5SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC
sProduct Specifications
Rating
Current rating: 0.5A DC(Note 1) Operating Temperature Range:_40 to +85ç (Note 2) Storage Temperature Range:_10 to +50ç (Note 3)
Voltage rating: 50V AC
Operating Humidity Range:Relative humidity, 90% max. Storage Humidity Range:Relative humidity, 90% max.
(Not dewed)
(Not dewed)
Applicable FPC
t=0.3±0.05 Gold plated
t=0.18 ± 0.05 for FH12F-*S-0.5SH
Note 1: When passing the current through all of the contacts,use 70% of the current rating.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers nonconducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series.
Contact us for the drawings and specifications for a specific part number shown.
sMaterial
Part
Material
Finish
Remarks
Insulator
Polyamide, LCP(60 pos.)
Color : Beige
UL94V-0
Actuator
PPS
Color : Dark brown
Contact
Phosphor bronze
Gold plated
–––––––
Metal Fittings
Brass
Tin plated
sOrdering Information
FH 12 A - 10 (4) - S A - 0.5 SH (
*
**
*)
qr
t
e
w
u
y
i
o
!0
q Series Name
: FH
w Series No.
: 12
e Blank : standard type
A : Top contact type
S : Type with strengthed flip-lock actuator
F : Type with 0.18mm FPC End Thickness
r Standard type : Number of contacts
Eccentric type
: Number of contacts in 0.5mm housing
t Standard type : Blank
Eccentric type
: Number of contacts
y Contact alignment: Single
u Eccentric direction:
Blank : standard type
A : Eccentric type
i Contacts Pitch : 0.5mm, 1mm
o Contact type
SH : SMT horizontal mounting type
SV : SMT vertical mounting type
Plating specification
(54)
: Selective gold plated
(55)
: Gold plated
!0
1. Insulation resistance
500M ohms minimum
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
150V AC/1 minute
3. Contact resistance
50m ohms maximum
1mA
4. Durability (Insertion/withdrawal)
Contact resistance: 50m ohms maximum
20 cycles
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
5. Vibration
Contact resistance: 50m ohms maximum.
2 hours in each of the 3 directions.
No damage, cracks, or parts dislocation.
10 cycles
No electrical discontinuity of 1µs or more
Acceleration of 981 m/s2, 6 ms duration,
6. Shock
Contact resistance: 50m ohms maximum.
sine half-wave waveform, 3 cycles in each of the 3 axis.
No damage, cracks, or parts dislocation.
Contact resistance: 50m ohms maximum.
7. Humidity(Steady state) Insulation resistance: 50M ohms minimum.
96 hours at 40ç and humidity of 90% to 95%
No damage, cracks, or parts dislocation.
Contact resistance: 50m ohms maximum.
Temperature: -40ç / 15 to 35ç / 85ç / 15 to 35ç,
8. Temperature Cycle
Insulation resistance: 50M ohms minimum.
Time: 30 / 2 to 3 / 30 / 2 to 3(minutes)
No damage, cracks, or parts dislocation.
5 cycles
9.Resistance to Soldering heat
No deformation of
Reflow: At the recommended temperature profile
components affecting performance.
Manual soldering: 350±10ç for 5 seconds
Item
Specification
Conditions
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH12-24S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-24S-0.5SH HIROSE-FH12-24S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-24S-0.5SH ETC2-FH12-24S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-24S-0.5SH ETC2-FH12-24S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-24S-0.5SH HIROSE-FH12-24S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-24S-0.5SH55 HIROSE-FH12-24S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-24S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com