Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH12-25S-0.5SH Datasheet(PDF) 4 Page - Hirose Electric

Part # FH12-25S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH12-25S-0.5SH Datasheet(HTML) 4 Page - Hirose Electric

  FH12-25S-0.5SH Datasheet HTML 1Page - Hirose Electric FH12-25S-0.5SH Datasheet HTML 2Page - Hirose Electric FH12-25S-0.5SH Datasheet HTML 3Page - Hirose Electric FH12-25S-0.5SH Datasheet HTML 4Page - Hirose Electric FH12-25S-0.5SH Datasheet HTML 5Page - Hirose Electric FH12-25S-0.5SH Datasheet HTML 6Page - Hirose Electric FH12-25S-0.5SH Datasheet HTML 7Page - Hirose Electric FH12-25S-0.5SH Datasheet HTML 8Page - Hirose Electric FH12-25S-0.5SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC
s0.5mm Pitch Bottom Contact Type
(0.2)
0.5
5.6
4.6
FPC/FFC Contact Surface
(2.1)
Mated Cross-sectional Diagram
(3.1)
(1.3)
A
B
C
D
Note 1 : Embossed tape reel packaging (2,000 pieces/reel). Order by number of reels.
Note 2 : (**):Specification. Refer to ordering information.
D
Unit:mm
CL No.
Part Number
586-0582-5-**
586-0744-5-**
586-0522-3-**
586-0600-5-**
586-0704-0-**
586-0549-0-**
586-0533-0-**
586-0523-6-**
586-0531-4-**
586-0606-1-**
586-0530-1-**
586-0534-2-**
586-0524-9-**
586-0532-7-**
586-0521-0-**
586-0692-3-**
586-0576-2-**
586-0612-4-**
586-0525-1-**
586-0681-7-**
586-0520-8-**
586-0617-8-**
586-0740-4-**
586-0526-4-**
586-0527-7-**
586-0528-0-**
586-0529-2-**
586-0595-7-**
FH12-6S-0.5SH(**)
FH12-8S-0.5SH(**)
FH12-10S-0.5SH(**)
FH12-11S-0.5SH(**)
FH12-12S-0.5SH(**)
FH12-13S-0.5SH(**)
FH12-14S-0.5SH(**)
FH12-15S-0.5SH(**)
FH12-16S-0.5SH(**)
FH12-17S-0.5SH(**)
FH12-18S-0.5SH(**)
FH12-19S-0.5SH(**)
FH12-20S-0.5SH(**)
FH12-22S-0.5SH(**)
FH12-24S-0.5SH(**)
FH12-25S-0.5SH(**)
FH12-26S-0.5SH(**)
FH12-28S-0.5SH(**)
FH12-30S-0.5SH(**)
FH12-32S-0.5SH(**)
FH12-33S-0.5SH(**)
FH12-34S-0.5SH(**)
FH12-35S-0.5SH(**)
FH12-36S-0.5SH(**)
FH12-40S-0.5SH(**)
FH12-45S-0.5SH(**)
FH12-50S-0.5SH(**)
FH12-53S-0.5SH(**)
Number of Contacts
6
8
10
11
12
13
14
15
16
17
18
19
20
22
24
25
26
28
30
32
33
34
35
36
40
45
50
53
A
B
2.5
3.5
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.5
11.5
12.0
12.5
13.5
14.5
15.5
16.0
16.5
17.0
17.5
19.5
22.0
24.5
26.0
06.1
07.1
08.1
08.6
09.1
09.6
10.1
10.6
11.1
11.6
12.1
12.6
13.1
14.1
15.1
15.6
16.1
17.1
18.1
19.1
19.6
20.1
20.6
21.1
23.1
25.6
28.1
29.6
C
7.1
8.1
9.1
9.6
10.1
10.6
11.1
11.6
12.1
12.6
13.1
13.6
14.1
15.1
16.1
16.6
17.1
18.1
19.1
20.1
20.6
21.1
21.6
22.1
24.1
26.6
29.1
30.6
3.57
4.57
5.57
6.07
6.57
7.07
7.57
8.07
8.57
9.07
9.57
10.07
10.57
11.57
12.57
13.07
13.57
14.57
15.57
16.57
17.07
17.57
18.07
18.57
20.57
23.07
25.57
27.07
5
5
5
5
5
Note
Note
Note
Note
Note
Note 1 : The coplanarity of each terminal lead within specified dimension is 0.1 mm Max.
Note 2 : Packaged on tape and reel only. Check packaging specification.
Note 3 : Slight variations in color of the plastic compounds do not affect form, fit or function of the connector.
Note 4 : After reflow, the terminal plating may change color, however this does not represent a quality issue.
Note
: If there is no problem with the connector height, we recommend the type with the strengthened Flip-
lock actuator (FH12S-*S-0.5SH). Standard type connector height: 2 mm Connector height of type with
strengthened Flip-lock actuator: 2.4 mm
5
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH12-25S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-25S-0.5SH HIROSE-FH12-25S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-25S-0.5SH ETC2-FH12-25S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-25S-0.5SH ETC2-FH12-25S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-25S-0.5SH HIROSE-FH12-25S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-25S-0.5SH55 HIROSE-FH12-25S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-25S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com