Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX10B-10-SV Datasheet(PDF) 9 Page - Hirose Electric

Part # FX10B-10-SV
Description  10Gbps 0.5mm pitch Stacking Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX10B-10-SV Datasheet(HTML) 9 Page - Hirose Electric

Back Button FX10B-10-SV Datasheet HTML 5Page - Hirose Electric FX10B-10-SV Datasheet HTML 6Page - Hirose Electric FX10B-10-SV Datasheet HTML 7Page - Hirose Electric FX10B-10-SV Datasheet HTML 8Page - Hirose Electric FX10B-10-SV Datasheet HTML 9Page - Hirose Electric FX10B-10-SV Datasheet HTML 10Page - Hirose Electric FX10B-10-SV Datasheet HTML 11Page - Hirose Electric FX10B-10-SV Datasheet HTML 12Page - Hirose Electric FX10B-10-SV Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FX10 Seriesq10+Gbps 0.5mm pitch Stacking Connectors
sRecommended Land Pattern Dimensions (Metal Mask Dimensions)
Recommended metal mask thickness: 0.15 mm
sHeaders with ground plate
q4mm Stacking Height
Note
Cross-hatched portions, totaling n places, indicate the ground circuits.
Cross-hatched portions, 2 places on both sides, indicate the metal fittings.
The cross-hatched area
inside the SMT land may come into contact with the connector contacts
and thus care should be taken that the pattern does not extend beyond the SMT land width.
Not required in products without guideposts.
1
2
3
4
Unit: mm
Note 1: There is no polarity in terms of board mounting for this product.
Note 2: The coplanarity of this product's SMT leads is 0.1mm or less.
Note 3: Please order embossed tape packaged items by the reel. (One reel holds 1,000 pieces.)
Note 4: Using multiple connectors between identical boards is not recommended.
[Specifications number] -✽ ✽, (✽ ✽)
(71): Tray packaging
(91): Embossed tape packaging
Part No.
CL No.
FX10A- 80P/ 8-SV(**)
FX10A-100P/10-SV(**)
FX10A-120P/12-SV(**)
FX10A-140P/14-SV(**)
FX10B- 80P/ 8-SV(**)
FX10B-100P/10-SV(**)
FX10B-120P/12-SV(**)
FX10B-140P/14-SV(**)
CL570-0001-5-**
CL570-0002-8-**
CL570-0003-0-**
CL570-0004-3-**
CL570-0021-2-**
CL570-0022-5-**
CL570-0023-8-**
CL570-0024-0-**
Number of Contacts
Signal
80
100
120
140
80
100
120
140
Ground
8
10
12
14
8
10
12
14
A
23.5
29.5
35.5
41.5
23.5
29.5
35.5
41.5
B
C
D
E
F
Remarks
18
24
30
36
18
24
30
36
31.1
37.1
43.1
49.1
31.1
37.1
43.1
49.1
26.4
32.4
38.4
44.4
31.5
37.5
43.5
49.5
31.5
37.5
43.5
49.5
28.3
34.3
40.3
46.3
28.3
34.3
40.3
46.3
Without guideposts
With guideposts


Similar Part No. - FX10B-10-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10B-100P10-SV HIROSE-FX10B-100P10-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10B-100P10-SV1 HIROSE-FX10B-100P10-SV1 Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10B-100S10-SV HIROSE-FX10B-100S10-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results

Similar Description - FX10B-10-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Panasonic Semiconductor
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com