Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50S-30DS-1C Datasheet(PDF) 2 Page - Hirose Electric

Part # DF50S-30DS-1C
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50S-30DS-1C Datasheet(HTML) 2 Page - Hirose Electric

  DF50S-30DS-1C Datasheet HTML 1Page - Hirose Electric DF50S-30DS-1C Datasheet HTML 2Page - Hirose Electric DF50S-30DS-1C Datasheet HTML 3Page - Hirose Electric DF50S-30DS-1C Datasheet HTML 4Page - Hirose Electric DF50S-30DS-1C Datasheet HTML 5Page - Hirose Electric DF50S-30DS-1C Datasheet HTML 6Page - Hirose Electric DF50S-30DS-1C Datasheet HTML 7Page - Hirose Electric DF50S-30DS-1C Datasheet HTML 8Page - Hirose Electric DF50S-30DS-1C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF50 Series1mm Pitch, Board to Cable Lock Connector
Product Specifications
Ratings
Current Rating
1A
Operating Temperature Range
Operating Humidity Range
-35 to + 85°C (Note 1)
20 to 80%
Voltage Rating
AC/DC 100V
Storage Temperature Range
Storage Humidity Range
-10 to + 60°C (Note 2)
40 to 70% (Note 2)
Items
Specifications
Conditions
1.Insulation resistance
No less than 500Mø
Measured at DC 100V
2.Withstand voltage
No flashover or breakdown
AC300V is applied for one minute
3.Contact resistance
No more than 30mø
Measured at 1mA and no higher than 20mV
4.Vibration Resistance
No electric outage of 1μs or greater
10 cycles in each of three directions at frequency 10-55 Hz,
half amplitude 0.75 mm
5.Shock Resistance
No electric outage of 1μs or greater
Accelerated velocity: 490m/s
2 for 11ms, half-sine in 3 directions,
3 times for each direction
6.Moisture-resistance
Contact resistance: no more than 50mø;
insulation resistance: no less than 100Mø
Temperature: 40±2°C; humidity: 90 to 95%, left as it is for 96
hours
7.Temperature cycles
Contact resistance: no more than 50mø;
insulation resistance: no less than 500Mø
(-55°C for 30 minutes → 5 to 35°C for 2 to 3 minutes → 85°C for
30 minutes → 5 to 35°C for 2 to 3 minutes) in 5 cycles
8.Push-pull durability
life
Contact resistance: no more than 50mø
30 times of push-pull operation
9.Solder Heat
Resistance
There should be no dissolution of the resin part which
will influence the performance.
Reflow: according to the Recommended Temperature Profile
Hand soldering: temperature of soldering iron at 350°C for 3 to 4 seconds
(Note 1) Temperature rise at the time of electrification is included.
(Note 2) The term “storage” refers to the long-term storage condition of unused products before PCB mounting.
Operating Temperature Range is applied to the deenergized state after mounting of PCB and the temporary storage state during transportation.
(Note 3) The above specifications are representative of this series. Please refer to “delivery specifications” for official individual agreement.
Materials
Product
Part
Materials
Color / Treatment
UL Regulation
Header
(on the board side)
Insulator
LCP
Black
UL94V-0
Contact
Brass
Gold plating
---------
Metal fitting
Brass (Note 1)
Tin Plating
---------
Locking metal fittings (DF50)
Stainless steel
---------
---------
Crimp socket
Insulator
PBT
Black (DF50A)
UL94V-0
White (DF50S)
Crimp contact
Contact
Phosphorous Bronze
Gold plating
---------
(Note 1) Phosphor bronze is applied a material for only to the single-row straight pin header.
Product Number Structure
Connector
DF50 − * DP − 1 V **
Crimp contact
DF50 − 2830 SCF A
Wire connection method/Geometry of terminal
C: Crimp socket
V: SMT Straight Type
H: SMT Right Angle Type
Specifications
51: SMT Embossed packaging
52: SMT Embossed packaging (with cap, DF50)
Applicable wire size
2830: AWG28, 30
3032: AWG30, 32 (Under development)
Method type/Packaging type
SCF: Socket contact reel
Plating specifications
A: Gold plating
Series Name: DF50 (Double-row pin header)
DF50S (Double-row crimp socket)
DF50A (Single-row)
Number of contacts: 20, 30, 40, 50 (Double-row)
: 2 to 16 (Single-row)
Connector type
DP: Double-row pin header
DS: Double-row socket
P: Single-row pin header
S: Single-row socket
Contact Pitch: 1mm


Similar Part No. - DF50S-30DS-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50S-30DS-1C HIROSE-DF50S-30DS-1C Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
More results

Similar Description - DF50S-30DS-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
275Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com