Electronic Components Datasheet Search |
|
DF1B-15S-2.5R Datasheet(PDF) 11 Page - Hirose Electric |
|
DF1B-15S-2.5R Datasheet(HTML) 11 Page - Hirose Electric |
11 / 19 page B193 DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) s Single Row In-line Plug(Simple Lock Type) Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag. Note 2.The 2 contacts connector contains the concave portion to prevent miss-insertion in the center area at one point, which is different from the above figure.In addition, the 3 to 7 contact connectors contain the concave portion at both sides. Note 1.The installation hole size C according to panel board thickness. Note 2.Fabricate installation holes so that no burr can occur. Note 3.At the panel tab portion, use the surface that will not be rounded. Unit: mm Part Number CL No. DF1BA- 8EP-2.5RC DF1BA- 9EP-2.5RC DF1BA-10EP-2.5RC DF1BA-12EP-2.5RC 541-0706-5 541-0707-8 541-0708-0 541-0710-2 8 9 10 12 17.5 20 22.5 27.5 22.1 24.6 27.1 32.1 Yes Number of Contacts A B RoHS Part Number CL No. DF1BA- 2EP-2.5RC DF1BA- 3EP-2.5RC DF1BA- 4EP-2.5RC DF1BA- 5EP-2.5RC DF1BA- 6EP-2.5RC DF1BA- 7EP-2.5RC 541-0700-9 541-0701-1 541-0702-4 541-0703-7 541-0704-0 541-0705-2 2 3 4 5 6 7 2.5 5 7.5 10 12.5 15 7.1 9.6 12.1 14.6 17.1 19.6 Yes Number of Contacts A B RoHS KApplicable Socket: DF1B-*S-2.5R Contact Inserted. B Panel Cutouts Unit: mm Applicable Plug Number of Contacts DF1BA- 2EP-2.5RC DF1BA- 3EP-2.5RC DF1BA- 4EP-2.5RC DF1BA- 5EP-2.5RC DF1BA- 6EP-2.5RC DF1BA- 7EP-2.5RC DF1BA- 8EP-2.5RC DF1BA- 9EP-2.5RC DF1BA-10EP-2.5RC DF1BA-12EP-2.5RC 2 3 4 5 6 7 8 9 10 12 0.5 to 1.2 Panel Board Thickness (Note 1) C 11.2 13.7 16.2 18.7 21.2 23.7 26.2 28.7 31.2 36.2 1.3 to 1.6 11.9 14.4 16.9 19.4 21.9 24.4 26.9 29.4 31.9 36.9 1.7 to 2.0 12.6 15.1 17.6 20.1 22.6 25.1 27.6 30.1 32.6 37.6 D 7.3 9.8 12.3 14.8 17.3 19.8 22.3 24.8 27.3 32.3 Note 3 Panel |
Similar Part No. - DF1B-15S-2.5R |
|
Similar Description - DF1B-15S-2.5R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |