Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF50A-16S-1C Datasheet(PDF) 1 Page - Hirose Electric

Part # DF50A-16S-1C
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-16S-1C Datasheet(HTML) 1 Page - Hirose Electric

  DF50A-16S-1C Datasheet HTML 1Page - Hirose Electric DF50A-16S-1C Datasheet HTML 2Page - Hirose Electric DF50A-16S-1C Datasheet HTML 3Page - Hirose Electric DF50A-16S-1C Datasheet HTML 4Page - Hirose Electric DF50A-16S-1C Datasheet HTML 5Page - Hirose Electric DF50A-16S-1C Datasheet HTML 6Page - Hirose Electric DF50A-16S-1C Datasheet HTML 7Page - Hirose Electric DF50A-16S-1C Datasheet HTML 8Page - Hirose Electric DF50A-16S-1C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
1mm Pitch, Board to Cable Lock Connector
DF50 Series
2013.4
Features
1. It provides clear tactile click and secure mating
Locking function and contact mating occur simultaneously,
for a clearer tactile click.
(Please refer to Figure 1 on the right)
2. Robust structure resistant to wrenching forces
Thick and robust housing wall provides higher strength
against cracking. Insertion depth for mating housings
protects against wrenching.
(Please refer to Figure 2 on the right)
3. Robust and reliable lance structure
High lance strength by mating with crimp contact on the
surface
(Please refer to Figure 3 on the right)
4. Ensured adsorption area eliminates the need
for adsorption gap.
Adequate adsorption area is ensured despite the small size,
allowing for automatic mounting without adsorption gap.
(*Specifications for adsorption gap may be provided
according to your requirements)
5. Insulation outer diameter Ø0.9mm, compatible
with AWG#28
Despite 1 mm Pitch, it is compatible with Ø0.9mm, UL1061·
AWG#28 Cable (Ø0.127×7)
It provides clear tactile click and secure mating
Robust structure resistant to wrenching forces
Robust and reliable lance structure
Figure 3.
Simultaneous timing of locking function and
contact mating provides a clearer tactile click.
Figure 2.
It is possible to visually inspect
the assembled lance.
The lance mates with the crimp
contact on the surface.
Timing of locking function
Figure 1.
Insertion depth for mating protects against
wrenching.
Thick and robust outer wall provides higher
strength and prevents cracking.


Similar Part No. - DF50A-16S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-16S-1C HIROSE-DF50A-16S-1C Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
DF50A-16S-1C HIROSE-DF50A-16S-1C Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
More results

Similar Description - DF50A-16S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
DF9-9S-1V HIROSE-DF9-9S-1V Datasheet
275Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com