Electronic Components Datasheet Search |
|
FH12A-26S-0.5SH Datasheet(PDF) 3 Page - Hirose Electric |
|
FH12A-26S-0.5SH Datasheet(HTML) 3 Page - Hirose Electric |
3 / 20 page 3 FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC sSeries Configuration FH12- ** S-0.5SH Number of contacts 6, 8, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20, 22, 24, 25, 26, 28, 30, 32, 33, 34, 35, 36, 40, 45, 50, 53 FH12F- ** S-0.5SH Number of contacts 6, 8, 10, 12, 13, 14, 15, 16, 18, 20, 22, 24, 25, 26, 28, 30, 32, 34, 36, 40 FH12S- ** S-0.5SH Number of contacts 30, 40, 45, 50, 53 Standard FH12- ** S-1SH Eccentric FH12- ** (**) SA-1SH Standard Number of contacts 5, 6, 7, 8, 9, 11, 12,16,17,22,26 Eccentric Number of contacts 4, 6, 8, 10, 11, 14, 19, 24 FH12- ** S-1SV Number of contacts 6, 7, 8, 16, 20, 22, 24 Pitch 0.5mm 1mm Bottom Contact Type Type with Strengthened Lock Lever Type with 0.18mm FPC End Thickness Top Contact Type Vertical mounting Type P.5 P.4 P.6 P.9 P.10 FH12- ** S-0.5SV Number of contacts 10, 12, 13, 15, 16, 17, 18, 20, 22, 24, 26, 30, 32, 33, 34, 36, 40, 45, 49, 50, 60 P.8 FH12A- ** S-0.5SH Number of contacts 10, 12 ,15, 16, 18, 20, 22, 24, 26, 28, 29, 30, 32, 33, 34, 36, 40, 42, 45, 50 P.7 FPC conductive surface FPC conductive surface (bottom side) FPC conductive surface (bottom side) The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |
Similar Part No. - FH12A-26S-0.5SH |
|
Similar Description - FH12A-26S-0.5SH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |