Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT41J128M16HA-15EDTR Datasheet(PDF) 2 Page - Micron Technology

Part # MT41J128M16HA-15EDTR
Description  DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
Download  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT41J128M16HA-15EDTR Datasheet(HTML) 2 Page - Micron Technology

  MT41J128M16HA-15EDTR Datasheet HTML 1Page - Micron Technology MT41J128M16HA-15EDTR Datasheet HTML 2Page - Micron Technology MT41J128M16HA-15EDTR Datasheet HTML 3Page - Micron Technology MT41J128M16HA-15EDTR Datasheet HTML 4Page - Micron Technology MT41J128M16HA-15EDTR Datasheet HTML 5Page - Micron Technology MT41J128M16HA-15EDTR Datasheet HTML 6Page - Micron Technology MT41J128M16HA-15EDTR Datasheet HTML 7Page - Micron Technology MT41J128M16HA-15EDTR Datasheet HTML 8Page - Micron Technology MT41J128M16HA-15EDTR Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 211 page
background image
Table 2: Addressing
Parameter
512 Meg x 4
256 Meg x 8
128 Meg x 16
Configuration
64 Meg x 4 x 8 banks
32 Meg x 8 x 8 banks
16 Meg x 16 x 8 banks
Refresh count
8K
8K
8K
Row addressing
32K (A[14:0])
32K (A[14:0])
16K (A[13:0])
Bank addressing
8 (BA[2:0])
8 (BA[2:0])
8 (BA[2:0])
Column addressing
2K (A[11, 9:0])
1K (A[9:0])
1K (A[9:0])
Page size
1KB
1KB
2KB
Figure 1: DDR3 Part Numbers
Package
78-ball 9mm x 11.5mm FBGA
78-ball 8mm x 10.5mm FBGA
96-ball 9mm x 14mm FBGA
HX
DA
HA
Example Part Number:
MT41J256M8DA-125:K
96-ball 8mm x 14mm FBGA
JT
Configuration
512 Meg x 4
256 Meg x 8
128 Meg x 16
512M4
256M8
128M16
Speed Grade
tCK = 1.071ns, CL = 13
tCK = 1.25ns, CL = 11
tCK = 1.5ns, CL = 9
tCK = 1.87ns, CL = 7
-107
-125
-15E
-187E
-
Configuration
MT41J
Package
Speed
Revision
tCK = 0.938ns, CL = 14
-093
Revision
:D/:M/:K
:
Temperature
Commercial
Industrial temperature
None
IT
Note:
1. Not all options listed can be combined to define an offered product. Use the part catalog search on
http://www.micron.com for available offerings.
FBGA Part Marking Decoder
Due to space limitations, FBGA-packaged components have an abbreviated part marking that is different from the
part number. For a quick conversion of an FBGA code, see the FBGA Part Marking Decoder on Micron’s Web site:
http://www.micron.com.
2Gb: x4, x8, x16 DDR3 SDRAM
Features
PDF: 09005aef826aaadc
2Gb_DDR3_SDRAM.pdf - Rev. Q 04/13 EN
2
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2006 Micron Technology, Inc. All rights reserved.


Similar Part No. - MT41J128M16HA-15EDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT41J128M16HA-15ED MICRON-MT41J128M16HA-15ED Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
More results

Similar Description - MT41J128M16HA-15EDTR

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT41J128M16HA-15ED MICRON-MT41J128M16HA-15ED Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H64M16HR-25H MICRON-MT47H64M16HR-25H Datasheet
1Mb / 132P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT41J256M8 MICRON-MT41J256M8 Datasheet
2Mb / 211P
   MT41J512M4 ??64 Meg x 4 x 8 Banks
MT48LC32M16A2P-75ITC MICRON-MT48LC32M16A2P-75ITC Datasheet
3Mb / 77P
   SDR SDRAM MT48LC128M4A2 ??32 Meg x 4 x 4 banks MT48LC64M8A2 ??16 Meg x 8 x 4 banks MT48LC32M16A2 ??8 Meg x 16 x 4 banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com