Electronic Components Datasheet Search |
|
DF1B-14P-2.5DS(01) Datasheet(PDF) 4 Page - Hirose Electric |
|
DF1B-14P-2.5DS(01) Datasheet(HTML) 4 Page - Hirose Electric |
4 / 19 page B186 DF1B Seriesq2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) sOrdering Information KConnector KSocket ID Contact DF1B - * S 2.5 RC q w et r DF1B - R 24 F A q e r w q Series Name : DF 1B w Number of Contacts Single Row : 2 to 16, 18, 20 Double Row : 4 to 30, 34, 40 e Connector Type S : Single row socket DS : Double row socket P : Single row pin header DP : Double row pin header ES : Single row in-line socket DES : Double row in-line socket EP : Single row in-line plug DEP : Double row in-line plug r Contact Pitch: 2.5mm t Contact Type RC : ID/crimping socket (Note) DSA : Straight through hole DS : Right angle through hole Note: The single row socket DF1B-*S-2.5R only adds "R" to the tail, which has the same meaning as "RC". q 1. Connection Type R : ID w Applicable Cable Size 24 : AWG24 26 : AWG26 28 : AWG28 e Packaging Type Blank : Bag F : Reel r Plating Type Blank : Tin plated A : Gold plated KPlug ID Contact DF1B - 24 P R F q e r w q Applicable Cable Size 24 : AWG24 26 : AWG26 28 : AWG28 w Connector Type P : Plug e Connection Type R : ID r Packaging Type Blank : Bag F : Reel KCrimping Contact DF1B - 2428 SCF A q w e q Applicable Cable Size 2022 : AWG20 to 22 2428 : AWG24 to 28 28 : AWG30 w Packaging Type SCF : Socket Contact/Reel SC : Socket Contact/Bag PCF : Plug Contact/Reel PC : Plug Contact/Bag e Plating Type Blank : Tin plating A : Gold plated B : Gold plated (Note) Note: In case of the socket contact, "A" is attached to the tail of the product name. In case of the plug contact, "B" is attached thereto. |
Similar Part No. - DF1B-14P-2.5DS(01) |
|
Similar Description - DF1B-14P-2.5DS(01) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |