Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843003AGT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 843003AGT
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843003AGT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 843003AGT Datasheet HTML 2Page - Integrated Device Technology 843003AGT Datasheet HTML 3Page - Integrated Device Technology 843003AGT Datasheet HTML 4Page - Integrated Device Technology 843003AGT Datasheet HTML 5Page - Integrated Device Technology 843003AGT Datasheet HTML 6Page - Integrated Device Technology 843003AGT Datasheet HTML 7Page - Integrated Device Technology 843003AGT Datasheet HTML 8Page - Integrated Device Technology 843003AGT Datasheet HTML 9Page - Integrated Device Technology 843003AGT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ICS843003
FEMTOCLOCKS™ CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVPECL FREQUENCY SYNTHESIZER
6
ICS843003AG REV. A OCTOBER 23, 2008
Table 4C. LVPECL DC Characteristics, VCC = VCCA = VCCO_A = VCCO_B = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs termination with 50
to V
CCO_A, _B – 2V.
Table 5. Crystal Characteristics
NOTE: Characterized using an 18pF parallel resonant crystal.
AC Electrical Characteristics
Table 6. AC Characteristics, VCC = VCCA = VCCO_A = VCCO_B = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Defined as skew within a bank of outputs at the same voltages and with equal load conditions.
NOTE 2: Defined as skew between outputs at the same supply voltages and with equal load conditions.
Measured at the output differential cross points.
NOTE 3: Please refer to the Phase Noise Plots.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
VCCO – 1.4
VCCO – 0.9
µA
VOL
Output Low Current; NOTE 1
VCCO – 2.0
VCCO – 1.7
µA
VSWING
Peak-to-peak Output Voltage Swing
0.6
1.0
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
FB_DIV = ÷20
28
31.25
35
MHz
FB_DIV = ÷24
23.33
26.04166
29.167
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance
7pF
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
DIV_SELx[1:0] = 00
560
700
MHz
DIV_SELx[1:0] = 01
280
350
MHz
DIV_SELx[1:0] = 10
140
175
MHz
DIV_SELx[1:0] = 11
112
140
MHz
tsk(b)
Bank Skew, NOTE 1
20
ps
tsk(o)
Output Skew; NOTE 2, 4
Outputs @ Same Frequency
35
ps
Outputs @ Different Frequencies
100
ps
tjit(Ø)
RMS Phase Jitter, (Random);
NOTE 3
625MHz, (1.875MHz – 20MHz)
0.42
ps
312.5MHz, (1.875MHz – 20MHz)
0.50
ps
156.25MHz, (1.875MHz – 20MHz)
0.51
ps
125MHz, (1.875MHz – 20MHz)
0.52
ps
tR / tF
Output Rise/Fall Time
20% to 80%
250
600
ps
odc
Output Duty Cycle
DIV_SELx[1:0] = 00
40
60
%
DIV_SELx[1:0]
≠ 00
47
53
%


Similar Part No. - 843003AGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843003 RENESAS-843003 Datasheet
571Kb / 22P
   FemtoClocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer
4/7/15
logo
Integrated Device Techn...
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
logo
Filtran LTD
843003JT15N FILTRAN-843003JT15N Datasheet
152Kb / 4P
   MULTILAYER Ceramic Chip Inductor
More results

Similar Description - 843003AGT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843003 ICST-ICS843003 Datasheet
295Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS843003I-09 IDT-ICS843003I-09 Datasheet
702Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843252 ICST-ICS843252 Datasheet
196Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843256I IDT-843256I Datasheet
272Kb / 17P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS843001-21 ICST-ICS843001-21 Datasheet
191Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843003 IDT-843003 Datasheet
378Kb / 21P
   FemtoClocks Crystal-to-3.3V LVPECL Frequency Synthesizer
ICS843242 IDT-ICS843242 Datasheet
287Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS843204I ICST-ICS843204I Datasheet
109Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002-01 ICST-ICS843002-01 Datasheet
238Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS843002 ICST-ICS843002 Datasheet
309Kb / 16P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com