Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1443D125HD-C1 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ADC1443D125HD-C1
Description  Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1443D125HD-C1 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ADC1443D125HD-C1 Datasheet HTML 3Page - Integrated Device Technology ADC1443D125HD-C1 Datasheet HTML 4Page - Integrated Device Technology ADC1443D125HD-C1 Datasheet HTML 5Page - Integrated Device Technology ADC1443D125HD-C1 Datasheet HTML 6Page - Integrated Device Technology ADC1443D125HD-C1 Datasheet HTML 7Page - Integrated Device Technology ADC1443D125HD-C1 Datasheet HTML 8Page - Integrated Device Technology ADC1443D125HD-C1 Datasheet HTML 9Page - Integrated Device Technology ADC1443D125HD-C1 Datasheet HTML 10Page - Integrated Device Technology ADC1443D125HD-C1 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ADC1443D_SER
© IDT 2012. All rights reserved.
Data sheet
Rev. 3.4 — 10 October 2012
7 of 50
Integrated Device Technology
ADC1443D series
Dual 14-bit ADC; 125, 160 or 200 Msps; JESD204A/B serial outputs
7.
Limiting values
8.
Thermal characteristics
[1]
In compliance with JEDEC test board, in free air.
9.
Static characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply
voltage
−0.3
+2.1
V
VDDO
output supply
voltage
−0.3
+2.1
V
∆VDD
supply voltage
difference
VDDA − VDDO
−0.8
+0.8
V
VI
input voltage
pins INP, INM, CLKP and CLKM;
referenced to AGND
−0.3
VDDA + 0.3
V
pins OTR, SCS_N, SDIO,
SCLK, CFG, SCR_EN,
SYSREFP, SYSREFN,
SYNCBP, and SYNCBN;
referenced to AGND
−0.3
VDDO + 0.3
V
VO
output voltage
pin VCM; referenced to AGND
−0.3
VDDA + 0.3
V
pins CMLP, and CMLN;
referenced to OGND
−0.3
VDDO + 0.3
V
Tstg
storage temperature
−55
+125
°C
Tamb
ambient
temperature
−40
+85
°C
Tj
junction
temperature
-
125
°C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 22.7
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 9.3
K/W
Table 5.
Static characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
1.7
1.8
1.9
V
VDDO
output supply voltage
1.7
1.8
1.9
V
IDDA
analog supply current
fs = 185 Msps;
fi = 190 MHz
-
410
<tbd>
mA
IDDO
output supply current
fs = 185 Msps;
fi = 190 MHz
-
173
<tbd>
mA


Similar Part No. - ADC1443D125HD-C1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D125HD IDT-ADC1443D125HD Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results

Similar Description - ADC1443D125HD-C1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
logo
Renesas Technology Corp
ADC1443D RENESAS-ADC1443D Datasheet
4Mb / 53P
   Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ADC1453D RENESAS-ADC1453D Datasheet
3Mb / 49P
   Dual 14-bit ADC; up to 246 Msps; JESD204B serial outputs
6 June 2014
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com