Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

871002AGI-02LFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 871002AGI-02LFT
Description  Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

871002AGI-02LFT Datasheet(HTML) 1 Page - Integrated Device Technology

  871002AGI-02LFT Datasheet HTML 1Page - Integrated Device Technology 871002AGI-02LFT Datasheet HTML 2Page - Integrated Device Technology 871002AGI-02LFT Datasheet HTML 3Page - Integrated Device Technology 871002AGI-02LFT Datasheet HTML 4Page - Integrated Device Technology 871002AGI-02LFT Datasheet HTML 5Page - Integrated Device Technology 871002AGI-02LFT Datasheet HTML 6Page - Integrated Device Technology 871002AGI-02LFT Datasheet HTML 7Page - Integrated Device Technology 871002AGI-02LFT Datasheet HTML 8Page - Integrated Device Technology 871002AGI-02LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATA SHEET
ICS871002AGI-02 REVISION A APRIL 14, 2010
1
©2010 Integrated Device Technology, Inc.
Differential-to-0.7V HCSL Differential
PCI EXPRESS™ Jitter Attenuator
ICS871002I-02
General Description
The ICS871002I-02 is a high performance Jitter
Attenuator designed for use in PCI Express™systems.
In some PCI Express systems, such as those found in
desktop PCs, the PCI Express clocks are generated
from a low bandwidth, high phase noise PLL frequency
synthesizer. In these systems, a jitter attenuator may be required to
attenuate high frequency random and deterministic jitter components
from the PLL synthesizer and from the system board. The
ICS871002I-02 has two PLL bandwidth modes: 350kHz and
2200kHz. The 350kHz mode provides the maximum jitter
attenuation, but it also results in higher PLL tracking time. In this
mode, the spread spectrum modulation may also be attenuated. The
2200kHz bandwidth provides the best tracking skew and will pass
most spread profiles, but the jitter attenuation will not be as good as
the lower bandwidth modes. The ICS871002I-02 can be set for
different modes using the F_SELx pins as shown in Table 3C.
The ICS871002I-02 uses IDT 3rd Generation FemtoClockTM PLL
technology to achieve the lowest possible phase noise. The
device is packaged in a small 20 Lead TSSOP package, making it
ideal for use in space constrained applications such as PCI Express
add-in cards.
Features
Two 0.7V HCSL differential output pairs
One differential clock input
CLK, nCLK can accept the following differential input levels:
LVPECL, LVDS, HSTL, HCSL, SSTL
Input frequency range: 98MHz to 128MHz
Output frequency range: 98MHz to 640MHz
VCO range: 490MHz - 640MHz
Cycle-to-cycle jitter: 45ps (maximum)
Two bandwidth modes allow the system designer to make jitter
attenuation/tracking skew design trade-offs
Full 3.3V supply mode
-40°C to 85°C ambient operating temperature
Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
PLL Bandwidth (typical) Table
HiPerClockS™
ICS
BW_SEL
0 = PLL Bandwidth: ~350kHz (default)
1 = PLL Bandwidth: ~2200kHz
÷5 (fixed)
VCO
490 - 640 MHz
Phase
Detector
Output Divider
00 ÷5
01 ÷4
10 ÷2 (default)
11 ÷1
Q0
nQ0
Q1
nQ1
FB_OUT
nFB_OU
BW_SEL
CLK
nCLK
FB_IN
nFB_IN
F_SEL[1:0]
MR
OE
Pulldown
Pullup:Pulldown
Pulldown
Pullup
Pullup
Pulldown
Pullup
Pulldown
2
IREF
0 = 350kHz
1 = 2200kHz
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
F_SEL0
VDDA
F_SEL1
BW_SEL
MR
nFB_OUT
FB_OUT
IREF
nQ0
VDD
Q0
VDD
Q1
nQ1
nFB_IN
FB_IN
GND
nCLK
CLK
OE
Pin Assignment
ICS871002I-02
20-Lead TSSOP
6.5mm x 4.4mm x 0.925mm
package body
G Package
Top View
Block Diagram


Similar Part No. - 871002AGI-02LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
More results

Similar Description - 871002AGI-02LFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
logo
Integrated Device Techn...
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
   DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
   Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
841S012DI IDT-841S012DI Datasheet
289Kb / 23P
   Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com