Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS830154AMI-08LF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS830154AMI-08LF
Description  Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS830154AMI-08LF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS830154AMI-08LF Datasheet HTML 1Page - Integrated Device Technology ICS830154AMI-08LF Datasheet HTML 2Page - Integrated Device Technology ICS830154AMI-08LF Datasheet HTML 3Page - Integrated Device Technology ICS830154AMI-08LF Datasheet HTML 4Page - Integrated Device Technology ICS830154AMI-08LF Datasheet HTML 5Page - Integrated Device Technology ICS830154AMI-08LF Datasheet HTML 6Page - Integrated Device Technology ICS830154AMI-08LF Datasheet HTML 7Page - Integrated Device Technology ICS830154AMI-08LF Datasheet HTML 8Page - Integrated Device Technology ICS830154AMI-08LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ICS830154AGI-08 REVISION A MARCH 29, 2010
5
©2010 Integrated Device Technology, Inc.
ICS830154I-08 Data Sheet
OVER-VOLTAGE TOLERANT 1.5V, 1:4 FANOUT BUFFER
Table 4H. LVCMOS DC Characteristics, VDD = 1.5V ± 0.1V, TA = -40°C to 85°C
AC Electrical Characteristics
Table 5A. AC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. Device will meet specifications after thermal equilibrium has
been reached under these conditions.
NOTE: Characterized up to FOUT ≤ 150MHz.
NOTE 1: Measured from the VDD/2 of the input to VDD/2 of the output.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDD/2.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at VDD/2.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
0.65 * VDD
3.6
V
VIL
Input Low Voltage
-0.3
0.35 * VDD
V
IIH
Input High Current
CLK_IN
VDD = VIN = 1.6V
150
µA
OE
VDD = VIN = 1.6V
5
µA
IIL
Input Low Current
CLK_IN
VDD = 1.6V, VIN = 0V
-5
µA
OE
VDD = 1.6V, VIN = 0V
-150
µA
VOH
Output High Voltage
Q[4:1]
IOH = -4mA
0.75 * VDD
V
VOL
Output Low Voltage
Q[4:1]
IOL = 4mA
0.25 * VDD
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
160
MHz
tpLH
Propagation Delay
(low to high transition); NOTE 1
0.7
1.45
ns
tpHL
Propagation Delay
(high to low transition); NOTE 1
0.7
1.45
ns
tPLZ, tPHZ
Disable Time
(active to high-impedance)
10
ns
tPZL, tPZH
Enable Time
(high-impedance to disable)
10
ns
tsk(o)
Output Skew; NOTE 2, 3
250
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 4
800
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
25MHz, Integration Range:
12kHz - 5MHz
0.094
ps
tR / tF
Output Rise/Fall Time
10% to 90%
0.35
1.2
ns
odc
Output Duty Cycle
48
52
%


Similar Part No. - ICS830154AMI-08LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS830154I-08 IDT-ICS830154I-08 Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
More results

Similar Description - ICS830154AMI-08LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
830154I-08 RENESAS-830154I-08 Datasheet
486Kb / 18P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
March 30, 2016
logo
Integrated Device Techn...
ICS830154I-08 IDT-ICS830154I-08 Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
830154I-08 IDT-830154I-08 Datasheet
291Kb / 17P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
logo
ON Semiconductor
NB3U1548C ONSEMI-NB3U1548C Datasheet
116Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
October, 2015 ??Rev. 3
NB3U1548C ONSEMI-NB3U1548C_17 Datasheet
115Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
January, 2017 ??Rev. 4
logo
Cypress Semiconductor
CY2HH8110 CYPRESS-CY2HH8110 Datasheet
95Kb / 7P
   1.5V 1:10 HSTL Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
   1:4 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com