Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF275G Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF275G
Description  150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF275G Datasheet(HTML) 3 Page - Motorola, Inc

  MRF275G Datasheet HTML 1Page - Motorola, Inc MRF275G Datasheet HTML 2Page - Motorola, Inc MRF275G Datasheet HTML 3Page - Motorola, Inc MRF275G Datasheet HTML 4Page - Motorola, Inc MRF275G Datasheet HTML 5Page - Motorola, Inc MRF275G Datasheet HTML 6Page - Motorola, Inc MRF275G Datasheet HTML 7Page - Motorola, Inc MRF275G Datasheet HTML 8Page - Motorola, Inc MRF275G Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF275G
MOTOROLA RF DEVICE DATA
Figure 1. 500 MHz Test Circuit
B1
Balun, 50
Ω, 0.086″ O.D. 2″ Long, Semi Rigid Coax
B2
Balun, 50
Ω, Coax 0.141″ O.D. 2″ Long, Semi Rigid
C1, C2, C3, C4,
C10, C11, C12, C13
270 pF, ATC Chip Capacitor
C5, C8
1.0 – 20 pF, Trimmer Capacitor, Johanson
C6
22 pF, Mini–Unelco Capacitor
C7
15 pF, Unelco Capacitor
C9
2.1 pF, ATC Chip Capacitor
C14, C15, C16,
C20, C21, C22
0.1
µF, Ceramic Capacitor
C17, C18
680 pF, Feedthru Capacitor
C19
10
µF, 50 V, Electrolytic Capacitor, Tantalum
L1, L2
10 Turns AWG #24,
0.145
″ O.D., 106 nH
Taylor–Spring Inductor
L3, L4
10 Turns AWG #18,
0.340
″ I.D., Enameled Wire
L5
Ferroxcube VK200 20/4B
L6
4 Turns #16, 0.340
″ I.D.,
Enameled Wire
R1
1.0 k
Ω,1/4 W Resistor
W1 – W4
20 x 200 x 250 mils, Wear Pads,
Beryllium–Copper, (See
Component Location Diagram)
Z1, Z2
1.10
″ x 0.245″, Microstrip Line
Z3, Z4, Z5, Z6
0.300
″ x 0.245″, Microstrip Line
Z7, Z8
1.00
″ x 0.245″, Microstrip Line
Board material
0.060
″ Teflon–fiberglass,
εr = 2.55, copper clad both sides, 2 oz. copper.
Points A are connected together on PCB.
Points B are connected together on PCB.
+VGG
C14
R1
C16
C17
C18
L5
L6
C19
+28 V
B1
C5
C6
C7
C8
B2
L4
C20
C21
B
A
Z4
Z3
Z7
Z5
Z8
Z6
B
D.U.T.
L3
C1
C10
L1
A
C15
+
C22
C2
C4
C3
Z2
Z1
L2
C13
C11
C12
C9


Similar Part No. - MRF275G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF275G MACOM-MRF275G Datasheet
262Kb / 16P
   N-CHANNEL MOS BROADBAND 100 . 500 MHz RF POWER FET
logo
M/A-COM Technology Solu...
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G Datasheet
639Kb / 19P
   The RF MOSFET Line 150W, 500MHz, 28V
MRF275G MA-COM-MRF275G_15 Datasheet
639Kb / 19P
   The RF MOSFET Line
MRF275G MA-COM-MRF275G_17 Datasheet
1Mb / 20P
   The RF MOSFET Line 150W, 500MHz, 28V
More results

Similar Description - MRF275G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF275G MACOM-MRF275G Datasheet
262Kb / 16P
   N-CHANNEL MOS BROADBAND 100 . 500 MHz RF POWER FET
logo
New Jersey Semi-Conduct...
MRF525 NJSEMI-MRF525 Datasheet
123Kb / 2P
   100-500 MHz BROADBAND
logo
Tyco Electronics
UF28150J MACOM-UF28150J Datasheet
171Kb / 3P
   POWER MOSFET TRANSISTOR 150 WATTS, 100 - 500 MHz, 28 V
MRF134 MACOM-MRF134 Datasheet
208Kb / 10P
   N.CHANNEL MOS BROADBAND RF POWER FET
logo
STMicroelectronics
RF5L05500CB4 STMICROELECTRONICS-RF5L05500CB4 Datasheet
534Kb / 12P
   500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
logo
Microchip Technology
ARF476FL MICROCHIP-ARF476FL Datasheet
457Kb / 14P
   500 V, 900 W, 128 MHz RF Power MOSFET
A 12/2021
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
PTF041501E INFINEON-PTF041501E Datasheet
245Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 450 - 500 MHz
Rev. 04, 2007-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com