Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX4 Datasheet(PDF) 1 Page - Rohm

Part # IMX4
Description  Two 2SC3837K chips in a EMT or UMT or SMT package.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX4 Datasheet(HTML) 1 Page - Rohm

  IMX4 Datasheet HTML 1Page - Rohm IMX4 Datasheet HTML 2Page - Rohm IMX4 Datasheet HTML 3Page - Rohm IMX4 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMX4 / UMX4N / IMX4
Transistors
Rev.C
1/3
High transition frequency (dual transistors)
EMX4 / UMX4N / IMX4
Features
1) Two 2SC3837K chips in a EMT or UMT or SMT package.
2) High transition frequency. (fT=1.5GHz)
3) Low output capacitance. (Cob=0.9pF)
Equivalent circuits
EMX4 / UMX4N
(3)
(2)
(1)
(4)
(5)
(6)
IMX4
(4)
(5)
(6)
(3)
(2)
(1)
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pc
Tj
Tstg
Limits
30
20
3
50
300(TOTAL)
150(TOTAL)
EMX4 / UMX4N
IMX4
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
Package, marking, and packaging specifications
Type
EMX4
EMT6
X4
T2R
8000
IMX4
SMT6
X4
T108
3000
UMX4N
UMT6
X4
TR
3000
Package
Marking
Code
Basic ordering unit (pieces)
Dimensions (Unit : mm)
UMX4N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
IMX4
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
Each lead has same dimensions
ROHM : EMT6
EMX4
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
30
20
3
56
0.5
0.5
180
0.5
1.6
V
V
V
µA
µA
V
MHz
Cob
600
1500
0.95
pF
IC
=10µA
IC
=1mA
IE
=10µA
VCB
=15V
VEB
=2V
VCE/IE
=10V/ −10mA, f=200MHz
VCB/f
=10V/1MHz, IE=0A
IC/IB
=20mA/4mA
VCE/IC
=10V/10mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Output capacitance
13
rbb' Cc
6
ps
VCB
=10V, IC=10mA , f=31.8MHz
Collector-base time constant
NF
4.5
dB
VCE
=12V, IC=2mA , f=200MHz , Rg=50Ω
Noise factor
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.


Similar Part No. - IMX4

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
   4 Watt DC-DC Converters
logo
Rohm
IMX4 ROHM-IMX4 Datasheet
66Kb / 2P
   High transition frequency (dual transistors)
IMX4 ROHM-IMX4 Datasheet
76Kb / 4P
   High transition frequency (dual transistors)
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
logo
Sony Corporation
IMX415 SONY-IMX415 Datasheet
1Mb / 101P
   Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras
2019 / 05 / 21
More results

Similar Description - IMX4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZ32 ONSEMI-NC7SZ32 Datasheet
263Kb / 12P
   UHS Two-Input OR Gate
August-2017, Rev . 2
logo
Guangdong Youtai Semico...
SM12T1G UMW-SM12T1G Datasheet
341Kb / 5P
   SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
SMXXT1G UMW-SMXXT1G Datasheet
341Kb / 5P
   SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
   Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Texas Instruments
TLV62585_018 TI1-TLV62585_018 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in QFN or SOT563 Package
logo
RFHIC
AE367 RFHIC-AE367 Datasheet
820Kb / 12P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE368 RFHIC-AE368 Datasheet
14Mb / 14P
   a drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE366 RFHIC-AE366_14 Datasheet
239Kb / 5P
   a drive or pre-drive amplifier designed in a low cost SOT-89 package.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com