Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC88LV926EGR2 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MC88LV926EGR2
Description  Low Skew CMOS PLL 68060 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MC88LV926EGR2 Datasheet(HTML) 2 Page - Integrated Device Technology

  MC88LV926EGR2 Datasheet HTML 1Page - Integrated Device Technology MC88LV926EGR2 Datasheet HTML 2Page - Integrated Device Technology MC88LV926EGR2 Datasheet HTML 3Page - Integrated Device Technology MC88LV926EGR2 Datasheet HTML 4Page - Integrated Device Technology MC88LV926EGR2 Datasheet HTML 5Page - Integrated Device Technology MC88LV926EGR2 Datasheet HTML 6Page - Integrated Device Technology MC88LV926EGR2 Datasheet HTML 7Page - Integrated Device Technology MC88LV926EGR2 Datasheet HTML 8Page - Integrated Device Technology MC88LV926EGR2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Advanced Clock Drivers Device Data
2
Freescale Semiconductor
MC88LV926
Figure 1. Pinout: 20-Lead Wide SOIC Package (Top View)
Description of the RST_IN/RST_OUT(LOCK)
Functionality (continued)
After the system start-up is complete and the 88LV926 is
phase-locked to the SYNC input signal (RST_OUT high), the
processor reset functionality can be utilized. When the
RST_IN pin is toggled low (min. pulse width=10 nS),
RST_OUT(LOCK) will go to the low state and remain there
for 1024 cycles of the ‘Q' output frequency (512 SYNC
cycles). During the time in which the RST_OUT(LOCK) is
actively pulled low, all the 88LV926 clock outputs will continue
operating correctly and in a locked condition to the SYNC
input (clock signals to the 68030/040/060 family of
processors must continue while the processor is in reset). A
propagation delay after the 1024th cycle RST_OUT(LOCK)
goes back to the high impedance state to be pulled high by
the resistor.
Power Supply Ramp Rate Restriction for Correct 030/040
Processor Reset Operation During System Start-up
Because the RST_OUT(LOCK) pin is an indicator of
phase-lock to the reference source, some constraints must
be placed on the power supply ramp rate to make sure the
RST_OUT(LOCK) signal holds the processor in reset during
system start-up (power-up). With the recommended loop filter
values (see Figure 7) the lock time is approximately 10ms.
The phase-lock loop will begin attempting to lock to a
reference source (if it is present) when VCC reaches 2 V. If the
VCC ramp rate is significantly slower than 10 ms, then the
PLL could lock to the reference source, causing
RST_OUT(LOCK) to go high before the 88LV926 and 030/
040 processor is fully powered up, violating the processor
reset specification. Therefore, if it is necessary for the
RST_IN pin to be held high during power-up, the VCC ramp
rate must be less than 10 mS for proper 68030/040/060 reset
operation.
This ramp rate restriction can be ignored if the RST_IN pin
can be held low during system start-up (which holds
RST_OUT low). The RST_OUT(LOCK) pin will then be pulled
back high 1024 cycles after the RST_IN pin goes high.
19
20
18
17
16
15
14
13
12
11
2
1
3
4
5
6
7
8
9
10
GND
Q3
2X_Q
VCC
QCLKEN
MR
VCC
RST_IN
Q2
VCC(AN)
GND
RC1
RST_OUT(LOCK)
GND(AN)
PLL_EN
SYNC
Q1
GND
VCC
Q0
Table 1. Capacitance and Power Specifications
Symbol
Parameter
Value Type
Unit
Test Conditions
CIN
Input Capacitance
4.5(1)
1. Value at VCC = 3.3 V TBD
pF
VCC = 3.3 V
CPD
Power Dissipation Capacitance
40(1)
pF
VCC = 3.3 V
PD1
Power Dissipation at 33MHz With 50
Ω
Thevenin Termination
15mW/Output(1)
90mW/Device
mW
VCC = 3.3 V
T = 25
°C
PD2
Power Dissipation at 33MHz With 50
Ω
Parallel Termination to GND
37.5mW/Output(1)
225mW/Device
mW
VCC = 3.3 V
T = 25
°C
MC88LV926
Low Skew CMOS PLL 68060 Clock Driver
NETCOM
IDT™ Low Skew CMOS PLL 68060 Clock Driver
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MC88LV926
2


Similar Part No. - MC88LV926EGR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
logo
Motorola, Inc
MC88LV926DW MOTOROLA-MC88LV926DW Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
More results

Similar Description - MC88LV926EGR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
logo
Integrated Device Techn...
MC88LV926 IDT-MC88LV926 Datasheet
283Kb / 11P
   Low Skew CMOS PLL 68060 Clock Driver
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88916 MOTOROLA-MC88916 Datasheet
114Kb / 9P
   LOW SKEW CMOS PLL CLOCK DRIVER WITH PROCESSOR RESET
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com