Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-SM075-2 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-SM075-2
Description  PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SM075-2 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-SM075-2 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SM075-2 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SM075-2 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SM075-2 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-SM Series - PTC Resettable Fuses
Product Dimensions
Applications
Almost anywhere there is a low voltage power
supply and a load to be protected, including:
Computers & peripherals
General electronics
Automotive applications
A
B
C
D
E
F
G
H
Model
Min.
Max.
Max.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-SM030
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.125)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
MF-SM050
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.125)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
MF-SM075
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.125)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
MF-SM075/60
6.73
7.98
3.18
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.125)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
MF-SM100
6.73
7.98
3.0
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.118)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
MF-SM100/33
6.73
7.98
3.0
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.118)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
MF-SM125
6.73
7.98
3.0
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.118)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
MF-SM150
8.00
9.50
3.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
(0.315)
(0.374)
(0.118)
(0.264)
(0.022)
(0.028)
(0.022)
(0.028)
(0.145)
(0.155)
(0.026)
(0.054)
(0.017)
MF-SM150/33
8.00
9.50
3.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
(0.315)
(0.374)
(0.118)
(0.264)
(0.022)
(0.028)
(0.022)
(0.028)
(0.145)
(0.155)
(0.026)
(0.054)
(0.017)
MF-SM185/33
8.00
9.50
3.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
(0.315)
(0.374)
(0.118)
(0.264)
(0.022)
(0.028)
(0.022)
(0.028)
(0.145)
(0.155)
(0.026)
(0.054)
(0.017)
MF-SM200
8.00
9.50
3.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
(0.315)
(0.374)
(0.118)
(0.264)
(0.022)
(0.028)
(0.022)
(0.028)
(0.145)
(0.155)
(0.026)
(0.054)
(0.017)
MF-SM250
8.00
9.50
3.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
(0.315)
(0.374)
(0.118)
(0.264)
(0.022)
(0.028)
(0.022)
(0.028)
(0.145)
(0.155)
(0.026)
(0.054)
(0.017)
MF-SM260
6.73
7.98
3.0
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.118)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
MF-SM300
6.73
7.98
3.0
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314)
(0.118)
(0.214)
(0.022)
(0.028)
(0.022)
(0.028)
(0.085)
(0.095)
(0.026)
(0.054)
(0.017)
Packaging:
TAPE & REEL:
MF-SM030, 050, 075, 075/60, 100, 100/33, 125, 260, 300 = 2000 pcs. per reel;
MF-SM150, 150/33, 185/33, 200, 250 = 1500 pcs. per reel.
A
D
H
E
Side View
B
F
C
End View
G
DIMENSIONS:
MM
(INCHES)
Terminal material:
Tin-plated brass
2.3
± 0.1
(0.09
± 0.004)
9.7
± 0.1
(0.38
± 0.004)
3.1
± 0.1
(0.12
± 0.004)
3.1
± 0.1
(0.12
± 0.004)
Recommended Pad Layout
MF-SM030, 050, 075, 075/60, 100, 100/33, 125, 260, 300
10.7
± 0.1
(0.42
± 0.004)
4.6
± 0.1
(0.18
± 0.004)
2.3
± 0.1
(0.09
± 0.004)
4.6
± 0.1
(0.18
± 0.004)
Recommended Pad Layout
MF-SM150, 150/33, 185/33, 200, 250
How to Order
MF - SM 100/33 - 2 - 99
Multifuse® Product
Designator
Series
SM = Surface Mount Component
Hold Current, Ihold/Vmax*
030 - 300 (0.3 - 3.0 Amps)
Packaging Options
- 2 =
Tape and Reel**
Part Number Suffix Option
- 99 = As of date code April 1, 2005 all
MF-SM models are RoHS compli-
ant. The suffix “-99” can be used if
a new part number is required to
reference the RoHS compliance.
Examples:
MF-SM030-2 .............Tape and reel
packaging
MF-SM030-2-99........Tape and reel
packaging with
part number
suffix option
MF-SM150-2 .............Tape and reel
packaging
MF-SM150/33-2-99 ..Tape and reel
packaging with
part number
suffix option
* Vmax entry applies only to models
MF-SM075/60, MF-SM100/33, MF-SM150/33
& MF-SM185/33.
** Packaged per EIA-481-2


Similar Part No. - MF-SM075-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM075-60 BOURNS-MF-SM075-60 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
More results

Similar Description - MF-SM075-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
   PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030_16 Datasheet
379Kb / 4P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com