Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC122S101CIMM Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC122S101CIMM
Description  Specified Over a Range of Sample Rates, Two Input Channels
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC122S101CIMM Datasheet(HTML) 4 Page - Texas Instruments

  ADC122S101CIMM Datasheet HTML 1Page - Texas Instruments ADC122S101CIMM Datasheet HTML 2Page - Texas Instruments ADC122S101CIMM Datasheet HTML 3Page - Texas Instruments ADC122S101CIMM Datasheet HTML 4Page - Texas Instruments ADC122S101CIMM Datasheet HTML 5Page - Texas Instruments ADC122S101CIMM Datasheet HTML 6Page - Texas Instruments ADC122S101CIMM Datasheet HTML 7Page - Texas Instruments ADC122S101CIMM Datasheet HTML 8Page - Texas Instruments ADC122S101CIMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADC122S101
SNAS286D – MARCH 2005 – REVISED MARCH 2013
www.ti.com
ADC122S101 Converter Electrical Characteristics
(1)
The following specifications apply for VA = +2.7 V to 5.25 V, GND = 0V, fSCLK = 8 MHz to 16 MHz, fSAMPLE = 500 ksps to
1 Msps, CL = 35 pF unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
+0.64
+1.6
LSB (max)
INL
Integral Non-Linearity
−0.64
−1.2
LSB (min)
+0.9
+1.6
LSB (max)
DNL
Differential Non-Linearity
−0.6
−1.0
LSB (min)
VOFF
Offset Error
+0.44
±1.3
LSB (max)
OEM
Channel to Channel Offset Error Match
±0.1
±1.0
LSB (max)
FSE
Full-Scale Error
−0.34
±1.5
LSB (max)
Channel to Channel Full-Scale Error
FSEM
±0.1
±1.0
LSB (max)
Match
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7 to 5.25V,
SINAD
Signal-to-Noise Plus Distortion Ratio
72
69.2
dB (min)
fIN = 40.3 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SNR
Signal-to-Noise Ratio
72.4
70.6
dB (min)
fIN = 40.3 kHz, −0.02 dBFS
VA = +2.7 to 5.25V,
THD
Total Harmonic Distortion
−82
−75
dB (max)
fIN = 40.3 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SFDR
Spurious-Free Dynamic Range
83
76
dB (min)
fIN = 40.3 kHz, −0.02 dBFS
ENOB
Effective Number of Bits
VA = +2.7 to 5.25V
11.7
11.2
Bits (min)
VA = +5.25V
Channel-to-Channel Crosstalk
−86
dB
fIN = 40.3 kHz
Intermodulation Distortion, Second
VA = +5.25V,
−87
dB
Order Terms
fa = 40.161 kHz, fb = 41.015 kHz
IMD
Intermodulation Distortion, Third Order
VA = +5.25V
−88
dB
Terms
fa = 40.161 kHz, fb = 41.015 kHz
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±0.02
±1
µA (max)
Track Mode
33
pF
CINA
Input Capacitance
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
VA = +5.25V
2.4
V (min)
VIH
Input High Voltage
VA = +3.6V
2.1
V (min)
VIL
Input Low Voltage
0.8
V (max)
IIN
Input Current
VIN = 0V or VIN = VA
±0.1
±10
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.03
VA − 0.5
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.1
V
ISINK = 200 µA
0.02
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.1
V
IOZH, IOZL TRI-STATE Leakage Current
±0.01
±1
µA (max)
(1)
Min/max specification limits are specified by design, test, or statistical analysis.
(2)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC122S101


Similar Part No. - ADC122S101CIMM

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101CIMM TAOS-ADC122S101CIMM Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S101CIMM/NOPB TI1-ADC122S101CIMM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101CIMMX TAOS-ADC122S101CIMMX Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S101CIMMX/NOPB TI1-ADC122S101CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results

Similar Description - ADC122S101CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S021CIMFX TI-ADC121S021CIMFX Datasheet
1Mb / 23P
[Old version datasheet]   Specified Over a Range of Sample Rates.
logo
Maxim Integrated Produc...
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
   Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11166EVSYS MAXIM-MAX11166EVSYS Datasheet
1Mb / 17P
   Various Sample Sizes and Sample Rates
Rev 0; 6/13
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
   Various Sample Sizes and Sample Rates
Rev 0; 2/12
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
   Selectable 32- to 192-kHz input sample rates
February 2014 Rev 2
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
   24bit CODEC that has two channels of ADC and four channels of DAC
AKD4628A-B AKM-AKD4628A-B Datasheet
501Kb / 44P
   single chip CODEC that includes two channels of ADC and eight channels of DAC.
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
Marl International Limi...
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   Product will operate over a wide input voltage range
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   Product will operate over a wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com