Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4081BE Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD4081BE
Description  100% tested for quiescent current at 20V
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4081BE Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4081BE Datasheet HTML 2Page - Texas Instruments CD4081BE Datasheet HTML 3Page - Texas Instruments CD4081BE Datasheet HTML 4Page - Texas Instruments CD4081BE Datasheet HTML 5Page - Texas Instruments CD4081BE Datasheet HTML 6Page - Texas Instruments CD4081BE Datasheet HTML 7Page - Texas Instruments CD4081BE Datasheet HTML 8Page - Texas Instruments CD4081BE Datasheet HTML 9Page - Texas Instruments CD4081BE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4081BF
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
CD4081BF3A
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
CD4081BF3AS2534
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
CD4081BM
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BM96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BM96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BM96G4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BMG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BMT
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BMTE4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BMTG4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BNSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BNSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BNSRG4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BPWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BPWG4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BPWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BPWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4081BPWRG4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4082BEE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4082BF
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
CD4082BF3A
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
CD4082BM
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BM96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4082BM96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 2


Similar Part No. - CD4081BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4081BE TI-CD4081BE Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4081BE TI-CD4081BE Datasheet
530Kb / 12P
[Old version datasheet]   CMOS AND GATES
CD4081BE TI1-CD4081BE Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
CD4081BE TI1-CD4081BE Datasheet
1Mb / 29P
[Old version datasheet]   CMOS AND Gates
CD4081BEE4 TI1-CD4081BEE4 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
More results

Similar Description - CD4081BE

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE512C ACE-ACE512C Datasheet
489Kb / 7P
   Low Quiescent Current: 100uA at 5V
VER 1.1
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
STD13N65M2 STMICROELECTRONICS-STD13N65M2 Datasheet
556Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF55N03K SEMIHOW-HRLF55N03K Datasheet
238Kb / 7P
   100% Avalanche Tested
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com