Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM74CIM-3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM74CIM-3
Description  0.0625째C Temperature Resolution, Shutdown Mode Conserves Power Between
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74CIM-3 Datasheet(HTML) 3 Page - Texas Instruments

  LM74CIM-3 Datasheet HTML 1Page - Texas Instruments LM74CIM-3 Datasheet HTML 2Page - Texas Instruments LM74CIM-3 Datasheet HTML 3Page - Texas Instruments LM74CIM-3 Datasheet HTML 4Page - Texas Instruments LM74CIM-3 Datasheet HTML 5Page - Texas Instruments LM74CIM-3 Datasheet HTML 6Page - Texas Instruments LM74CIM-3 Datasheet HTML 7Page - Texas Instruments LM74CIM-3 Datasheet HTML 8Page - Texas Instruments LM74CIM-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM74
www.ti.com
SNIS107K – MAY 2000 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to V+ + 0.3V
Input Current at any Pin(2)
5 mA
Package Input Current(2)
20 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility(3)
Human Body Model
LM74CIBP and LM74CITP, pin A2 (SC)
1900V
LM74CIM,LM74CIBP, and LM74CITP all other pins
2000V
Machine Model
200V
Soldering process must comply with Reflow Temperature Profile specifications. See www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
Specified Temperature Range
TMIN to TMAX
See(1)
LM74CIBP and LM74CITP
−40°C to +125°C
LM74CIM
−55°C to +150°C
Supply Voltage Range (+VS)
LM74CIBP and LM74CITP
+2.65V to +5.5V
LM74CIM
+3.0V to +5.5V
(1)
The life expectancy of the LM74 will be reduced when operating at elevated temperatures. LM74
θJA (thermal resistance, junction-to-
ambient) when attached to a printed circuit board with 2 oz. foil is summarized as: Device Number LM74CIM Thermal Resistance (
θJA)
160°C/W. Device Number LM74CIBP Thermal Resistance (
θJA) 250°C/W. Device Number LM74CITP Thermal Resistance (θJA)
250°C/W.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM74


Similar Part No. - LM74CIM-3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM74CIM-3 NSC-LM74CIM-3 Datasheet
293Kb / 15P
   SPI/MICROWIRE??Digital Temperature Sensor
LM74CIM-3 NSC-LM74CIM-3 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM74CIM-3 TI1-LM74CIM-3 Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM74CIM-3-NOPB TI1-LM74CIM-3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
LM74CIM-3/NOPB TI1-LM74CIM-3/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
More results

Similar Description - LM74CIM-3

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1023 TELCOM-TC1023 Datasheet
134Kb / 6P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
logo
List of Unclassifed Man...
HWD2119 ETC1-HWD2119 Datasheet
877Kb / 21P
   350mWAudio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
CM8662 ETC-CM8662 Datasheet
237Kb / 8P
   AUDIO POWER AMP WITH SHUTDOWN MODE
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com