Electronic Components Datasheet Search |
|
FX2CA1-120P-1.27DSA(71) Datasheet(PDF) 3 Page - Hirose Electric |
|
FX2CA1-120P-1.27DSA(71) Datasheet(HTML) 3 Page - Hirose Electric |
3 / 28 page A87 FX2 Series ●1.27mm Pitch Multi-function Two Piece Connector ■Ordering Information FX2 CA 2 - * S - 1.27 DSA L qe wr t y u i r Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100, 120 t Connector type: S: Receptacle y Contact pitch: 1.27mm u Contact type DS : Right angle type DSA : Straight type i L: Board prefixed pin q Series Name :FX2 w Blank: Right angle type C : Straight non-cleaning type CA : Straight cleaning type e Product height variation (DSA only) Blank : Standard product 2 : +2mm ●Board to Board Receptacle FX2 CA 1 - * P - 1.27 DSA L qe wr t y u i r Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100, 120 t Connector type: P: header y Contact pitch: 1.27mm u Contact type: DS : Right angle type DSA : Straight type i L: Board prefixed pin q Series Name :FX2 w None : Right angle type C : Straight non-cleaning type CA : Straight cleaning type e Product height variation (DSA only) Blank : Standard product 1 : +1mm 2 : +2mm ●Board to Board Header FX2 BA - * S A - 1.27 R qe wr t y u r S: Socket t A: Contact material: phosphor bronze y Contact pitch: 1.27mm u R: Insulation displacement q Series Name : FX2 w B : Lock cable type BA : No lock cable type e Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100 ●Board to Cable Socket Note 1. C and CA take complete countermeasures against flux. Note 2. Cleaning type: the liquid escape hole is added at dip cleaning. Note 3. No-cleaning type: no liquid escape hole is added at dip cleaning. The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - FX2CA1-120P-1.27DSA(71) |
|
Similar Description - FX2CA1-120P-1.27DSA(71) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |