Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5172BRM2.5-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5172BRM2.5-RL7
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5172BRM2.5-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5172BRM2.5-RL7 Datasheet HTML 2Page - Analog Devices AD5172BRM2.5-RL7 Datasheet HTML 3Page - Analog Devices AD5172BRM2.5-RL7 Datasheet HTML 4Page - Analog Devices AD5172BRM2.5-RL7 Datasheet HTML 5Page - Analog Devices AD5172BRM2.5-RL7 Datasheet HTML 6Page - Analog Devices AD5172BRM2.5-RL7 Datasheet HTML 7Page - Analog Devices AD5172BRM2.5-RL7 Datasheet HTML 8Page - Analog Devices AD5172BRM2.5-RL7 Datasheet HTML 9Page - Analog Devices AD5172BRM2.5-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5172/AD5173
Rev. H | Page 6 of 24
TIMING CHARACTERISTICS
VDD = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
I2C INTERFACE TIMING CHARACTERISTICS1
SCL Clock Frequency
fSCL
400
kHz
Bus-Free Time Between Stop and Start, tBUF
t1
1.3
μs
Hold Time (Repeated Start), tHD;STA
t2
After this period, the first clock
pulse is generated.
0.6
μs
Low Period of SCL Clock, tLOW
t3
1.3
μs
High Period of SCL Clock, tHIGH
t4
0.6
μs
Setup Time for Repeated Start Condition, tSU;STA
t5
0.6
μs
Data Hold Time, tHD;DAT2
t6
0.9
μs
Data Setup Time, tSU;DAT
t7
100
ns
Fall Time of Both SDA and SCL Signals, tF
t8
300
ns
Rise Time of Both SDA and SCL Signals, tR
t9
300
ns
Setup Time for Stop Condition, tSU;STO
t10
0.6
μs
OTP Program Time
t11
400
ms
1 See the timing diagrams for the locations of measured values (that is, see Figure 3 and Figure 48 to Figure 51).
2 The maximum tHD;DAT has to be met only if the device does not stretch the low period (tLOW) of the SCL signal.
Timing Diagram
t1
t2
t3
t8
t8
t9
t9
t6
t4
t7
t5
t2
t10
PS
S
SCL
SDA
P
Figure 3. I2C Interface Detailed Timing Diagram


Similar Part No. - AD5172BRM2.5-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172BRM2.5-RL7 AD-AD5172BRM2.5-RL7 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results

Similar Description - AD5172BRM2.5-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com