Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF17(3.0H)-80DS-0.5V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF17(3.0H)-80DS-0.5V
Description  0.5mm Pitch Board to Board Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF17(3.0H)-80DS-0.5V Datasheet(HTML) 2 Page - Hirose Electric

  DF17(3.0H)-80DS-0.5V Datasheet HTML 1Page - Hirose Electric DF17(3.0H)-80DS-0.5V Datasheet HTML 2Page - Hirose Electric DF17(3.0H)-80DS-0.5V Datasheet HTML 3Page - Hirose Electric DF17(3.0H)-80DS-0.5V Datasheet HTML 4Page - Hirose Electric DF17(3.0H)-80DS-0.5V Datasheet HTML 5Page - Hirose Electric DF17(3.0H)-80DS-0.5V Datasheet HTML 6Page - Hirose Electric DF17(3.0H)-80DS-0.5V Datasheet HTML 7Page - Hirose Electric DF17(3.0H)-80DS-0.5V Datasheet HTML 8Page - Hirose Electric DF17(3.0H)-80DS-0.5V Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A185
DF17 Seriesq0.5mm Pitch Board to Board Connector
2. Performance Enhancement
The receptacle is designed in a BOX structure and has also
enhanced shock-proof, pinch-proof and scoop-proof performance.
In addition, the receptacle contact has employed the high scoop-proof
bellows type.
3. With Metal Fitting available
In order to grade up the strength against the mechanical stress,
the metal fitting specification is also available.
4. Broad Variations in Contact Number
The connectors are lined up per 10 contacts between 20 and 80
contacts to take countermeasures for multi-signalization.
5. Stacking Height 4 to 8mm
The stacking height can be selected (per milimeter) between 4mm and
8mm in combination of the receptacle with the header.
s Applications
Mobile phones, LCD, miniature equipment and so on
Note : The stacking height doesn't
include the solder paste thickness.
20
8
7
6
6.5
5
5.5
4
26 30
40
50
60
70
80
100
120 (Contacts)
(mm)
: Available
: Under plan
DF17#(M)-*DP-0.5V
2.0
2.5
4.0
3.0
4.0
5mm
5.5mm
7mm
6mm
6.5mm
8mm
DF17#(M)-*DS-0.5V
DF17(1.0H)-*DP-0.5V
Header
Receptacle DF17(3.0H)-*DS-0.5V
4mm
Header
Receptacle
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF17(3.0H)-80DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF17-20DP-0.5V HIROSE-DF17-20DP-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
DF17-20DS-0.5V HIROSE-DF17-20DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
DF17-26DP-0.5V HIROSE-DF17-26DP-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
DF17-30DP-0.5V HIROSE-DF17-30DP-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results

Similar Description - DF17(3.0H)-80DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com