Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5628BRUZ-2REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5628BRUZ-2REEL7
Description  Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5628BRUZ-2REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5628BRUZ-2REEL7 Datasheet HTML 4Page - Analog Devices AD5628BRUZ-2REEL7 Datasheet HTML 5Page - Analog Devices AD5628BRUZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5628BRUZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5628BRUZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5628BRUZ-2REEL7 Datasheet HTML 9Page - Analog Devices AD5628BRUZ-2REEL7 Datasheet HTML 10Page - Analog Devices AD5628BRUZ-2REEL7 Datasheet HTML 11Page - Analog Devices AD5628BRUZ-2REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5628/AD5648/AD5668
Data Sheet
Rev. G | Page 8 of 32
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
VOUT to GND
−0.3 V to VDD + 0.3 V
VREFIN/VREFOUT to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ MAX)
150°C
TSSOP Package
Power Dissipation
(TJ MAX − TA)/θJA
θJA Thermal Impedance
150.4°C/W
Reflow Soldering Peak Temperature
Pb Free
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD5628BRUZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5628BRUZ-2 AD-AD5628BRUZ-2 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
More results

Similar Description - AD5628BRUZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com