Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5173BRMZ2.5-RL72 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5173BRMZ2.5-RL72
Description  256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5173BRMZ2.5-RL72 Datasheet(HTML) 4 Page - Analog Devices

  AD5173BRMZ2.5-RL72 Datasheet HTML 1Page - Analog Devices AD5173BRMZ2.5-RL72 Datasheet HTML 2Page - Analog Devices AD5173BRMZ2.5-RL72 Datasheet HTML 3Page - Analog Devices AD5173BRMZ2.5-RL72 Datasheet HTML 4Page - Analog Devices AD5173BRMZ2.5-RL72 Datasheet HTML 5Page - Analog Devices AD5173BRMZ2.5-RL72 Datasheet HTML 6Page - Analog Devices AD5173BRMZ2.5-RL72 Datasheet HTML 7Page - Analog Devices AD5173BRMZ2.5-RL72 Datasheet HTML 8Page - Analog Devices AD5173BRMZ2.5-RL72 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5172/AD5173
Rev. H | Page 4 of 24
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
VW Settling Time
tS
VA = 5 V, VB = 0 V, ±1 LSB
error band
1
μs
Resistor Noise Voltage Density
eN_WB
RWB = 1.25 kΩ, RS = 0 Ω
3.2
nV/√Hz
1 Typical specifications represent average readings at 25°C and VDD = 5 V.
2 Resistor position nonlinearity error, R-INL, is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from the ideal between successive tap positions. Parts are guaranteed monotonic.
3 VA = VDD, VB = 0 V, wiper (VW) = no connect.
4 Specifications apply to all VRs.
5 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
6 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
7 Guaranteed by design, but not subject to production test.
8 Measured at Terminal A. Terminal A is open circuited in shutdown mode.
9 The minimum voltage requirement on the VIH is 0.7 V × VDD. For example, VIH minimum = 3.5 V when VDD = 5 V. It is typical for the SCL and SDA resistors to be pulled up to VDD.
However, care must be taken to ensure that the minimum VIH is met when the SCL and SDA are driven directly from a low voltage logic controller without pull-up resistors.
10 Different from the operating power supply; the power supply for OTP is used one time only.
11 Different from the operating current; the supply current for OTP lasts approximately 400 ms for one time only.
12 See Figure 30 for an energy plot during an OTP program.
13 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
14 All dynamic characteristics use VDD = 5 V.
ELECTRICAL CHARACTERISTICS: 10 kΩ, 50 kΩ, AND 100 kΩ
VDD = 5 V ± 10% or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
−1
±0.1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
−2.5
±0.25
+2.5
LSB
Nominal Resistor Tolerance3
ΔRAB
TA = 25°C
−20
+20
%
Resistance Temperature Coefficient
(ΔRAB/RAB)/ΔT
35
ppm/°C
Wiper Resistance
RWB
Code = 0x00, VDD = 5 V
160
200
Ω
DC CHARACTERISTICS—POTENTIOMETER DIVIDER
MODE4
Differential Nonlinearity5
DNL
−1
±0.1
+1
LSB
Integral Nonlinearity5
INL
−1
±0.3
+1
LSB
Voltage Divider Temperature Coefficient
(ΔVW/VW)/ΔT
Code = 0x80
15
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
−2.5
−1
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
1
2.5
LSB
RESISTOR TERMINALS
Voltage Range6
VA, VB, VW
GND
VDD
V
Capacitance A, B7
CA, CB
f = 1 MHz, measured to
GND, code = 0x80
45
pF
Capacitance W7
CW
f = 1 MHz, measured to
GND, code = 0x80
60
pF
Shutdown Supply Current8
IA_SD
VDD = 5.5 V
0.01
1
μA
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
SDA and SCL
Input Logic High9
VIH
VDD = 5 V
0.7 VDD
VDD + 0.5
V
Input Logic Low9
VIL
VDD = 5 V
−0.5
+0.3 VDD
V
AD0 and AD1
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
μA
Input Capacitance7
CIL
5
pF


Similar Part No. - AD5173BRMZ2.5-RL72

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5173BRM10 AD-AD5173BRM10 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5173BRM10-RL7 AD-AD5173BRM10-RL7 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5173BRM100 AD-AD5173BRM100 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5173BRM100-RL7 AD-AD5173BRM100-RL7 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5173BRM2.5 AD-AD5173BRM2.5 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results

Similar Description - AD5173BRMZ2.5-RL72

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com