Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD637KRZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD637KRZ
Description  High Precision, Wideband RMS-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637KRZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD637KRZ Datasheet HTML 5Page - Analog Devices AD637KRZ Datasheet HTML 6Page - Analog Devices AD637KRZ Datasheet HTML 7Page - Analog Devices AD637KRZ Datasheet HTML 8Page - Analog Devices AD637KRZ Datasheet HTML 9Page - Analog Devices AD637KRZ Datasheet HTML 10Page - Analog Devices AD637KRZ Datasheet HTML 11Page - Analog Devices AD637KRZ Datasheet HTML 12Page - Analog Devices AD637KRZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD637
Rev. K | Page 9 of 20
5.0
2.5
–5.0
0
0.5
1.0
0
–2.5
1.5
2.0
AD637K MAX
INTERNAL TRIM
AD637K
EXTERNAL TRIM
AD637K: 0.5mV ± 0.2%
0.25mV ± 0.05%
EXTERNAL
INPUT LEVEL (V)
Figure 7. Maximum Total Error vs.
Input Level AD637K Internal and External Trims
1
25kΩ
DEN
INPUT
BUFF IN
BUFF
OUT
SQUARER/
DIVIDER
–VS
CS
dB OUTPUT
3 COMMON
BIAS
2NC
4
OUTPUT
OFFSET
R2
1MΩ
5
25kΩ
6
7
8
9
10
+VS
11
12
NC
13
14
NC
VIN
VOUT =VIN2
VIN
CAV
+
AD637
ABSOLUTE
VALUE
–VS
+VS
CAV
R4
147Ω
SCALE FACTOR TRIM
R1
50kΩ
OUTPUT
OFFSET
TRIM
4.7kΩ
–VS
+VS
+VS
R3
1kΩ
Figure 8. Optional External Gain and Offset Trims
CHOOSING THE AVERAGING TIME CONSTANT
The AD637 computes the true rms value of both dc and ac
input signals. At dc, the output tracks the absolute value of the
input exactly; with ac signals, the AD637 output approaches the
true rms value of the input. The deviation from the ideal rms
value is due to an averaging error. The averaging error
comprises an ac component and a dc component. Both
components are functions of input signal frequency f and the
averaging time constant τ (τ: 25 ms/μF of averaging capacitance).
Figure 9 shows that the averaging error is defined as the peak
value of the ac component (ripple) and the value of the dc error.
The peak value of the ac ripple component of the averaging
error is defined approximately by the relationship
()f
where
reading
of
%
in
f
1
τ
τ
6.3
50
>
DOUBLE-FREQUENCY
RIPPLE
EO
TIME
AVERAGE ERROR
IDEAL
EO
DC ERROR = AVERAGE OF OUTPUT – IDEAL
Figure 9. Typical Output Waveform for a Sinusoidal Input
This ripple can add a significant amount of uncertainty to the
accuracy of the measurement being made. The uncertainty can
be significantly reduced through the use of a postfiltering
network or by increasing the value of the averaging capacitor.
The dc error appears as a frequency dependent offset at the
output of the AD637 and follows the relationship
reading
of
%
in
f
2
2
4
.
6
16
.
0
1
τ
+
Because the averaging time constant, set by CAV, directly sets
the time that the rms converter holds the input signal during
computation, the magnitude of the dc error is determined only
by CAV and is not affected by postfiltering.
SINE WAVE INPUT FREQUENCY (Hz)
100
0.1
1.0
10
10k
1k
100
10
DC ERROR
PEAK RIPPLE
Figure 10. Comparison of Percent DC Error to the Percent Peak Ripple over
Frequency Using the AD637 in the Standard RMS Connection with a 1 × μF CAV
The ac ripple component of averaging error is greatly reduced
by increasing the value of the averaging capacitor. There are two
major disadvantages to this: the value of the averaging capacitor
becomes extremely large and the settling time of the AD637
increases in direct proportion to the value of the averaging
capacitor (TS = 115 ms/μF of averaging capacitance). A preferable
method of reducing the ripple is by using the postfilter network,
as shown in Figure 11. This network can be used in either a 1-
pole or 2-pole configuration. For most applications, the 1-pole
filter gives the best overall compromise between ripple and
settling time.


Similar Part No. - AD637KRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD637KR AD-AD637KR Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
More results

Similar Description - AD637KRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD637 AD-AD637_15 Datasheet
808Kb / 21P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
AD637ARZ AD-AD637ARZ Datasheet
613Kb / 20P
   High Precision, Wideband RMS-to-DC Converter
Rev. K
logo
Linear Technology
LTC1966 LINER-LTC1966_11 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LTC1966 LINER-LTC1966_15 Datasheet
397Kb / 38P
   Precision Micropower RMS-to-DC Converter
logo
Analog Devices
AD637 AD-AD637 Datasheet
160Kb / 10P
   High Precision, Wide-Band RMS-to-DC Converter
REV. E
logo
Linear Technology
LTC1966 LINER-LTC1966 Datasheet
444Kb / 32P
   Precision Micropower, SIGMA RMS-to-DC Converter
LTC1967 LINER-LTC1967 Datasheet
328Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1967 LINER-LTC1967_15 Datasheet
333Kb / 28P
   Precision Extended Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
   Precision Wide Bandwidth, RMS-to-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com