Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTD32450GX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSTD32450GX
Description  Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD32450GX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSTD32450GX Datasheet HTML 1Page - Fairchild Semiconductor FSTD32450GX Datasheet HTML 2Page - Fairchild Semiconductor FSTD32450GX Datasheet HTML 3Page - Fairchild Semiconductor FSTD32450GX Datasheet HTML 4Page - Fairchild Semiconductor FSTD32450GX Datasheet HTML 5Page - Fairchild Semiconductor FSTD32450GX Datasheet HTML 6Page - Fairchild Semiconductor FSTD32450GX Datasheet HTML 7Page - Fairchild Semiconductor FSTD32450GX Datasheet HTML 8Page - Fairchild Semiconductor FSTD32450GX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary
© 2001 Fairchild Semiconductor Corporation
DS500563
www.fairchildsemi.com
February 2001
Revised August 2001
FSTD32450
Configurable 4-Bit to 40-Bit Bus Switch with
Selectable Level Shifting (Preliminary)
General Description
The Fairchild Universal Bus Switch FSTD32450 provides
4-bit, 5-bit, 8-bit, 10-bit, 16-bit, 20-bit...40-bit of high-speed
CMOS TTL-compatible bus switching. The low On Resis-
tance of the switch allows inputs to be connected to out-
puts without adding propagation delay or generating
additional ground bounce noise.
The FSTD32450 is designed to allow “customer” configura-
tion control of the enable connections. The device can be
organized as either a ten 4-bit, eight 5-bit, four 10-bit, two
20-bit or one 40-bit enabled bus switch. Also achievable
are 8-bit and 16-bit enabled configurations (see Functional
Description). The device’s bit configuration is controlled
through select pin logic. (see Truth Table). When OEx is
LOW, Port Ax is connected to Port Bx. When OEx is HIGH,
the switch is OPEN.
Another key device feature is the addition of a level shifting
select pin, “S2 and S5”. When S2 and S5 are LOW, the
device behaves as a standard N-MOS switch. When S2
and S5 are HIGH, a diode to VCC is integrated into the cir-
cuit allowing for level shifting between 5V inputs and 3.3V
outputs.
Features
s Voltage level shifting
s 4
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s Packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Applications Note
Select pins S0, S1, S2, S3, S4 and S5 are intended to be
used as static user configurable control pins. The AC per-
formance of these pins has not been characterized or
tested. Switching of these select pins during system opera-
tion may temporarily disrupt output logic states and/or
enable pin controls.
40-bit configuration can be achieved by connecting the
OE1 and the OE6 pins to together.
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
UHC
 is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
FSTD32450GX
(Note 1)
BGA114A
(Preliminary)
114-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[Tape and Reel]


Similar Part No. - FSTD32450GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
FSTD32211G FAIRCHILD-FSTD32211G Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
More results

Similar Description - FSTD32450GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTD16244 FAIRCHILD-FSTD16244 Datasheet
186Kb / 6P
   16-Bit Bus Switch with Level Shifting (Preliminary)
FSTD32211 FAIRCHILD-FSTD32211 Datasheet
261Kb / 7P
   40/48-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com