Selected language     English  ▼


9-1411325-2 Datasheet(PDF) 11 Page - Tyco Electronics

Part No. 9-1411325-2
Description  GET.64 Interconnection System
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 11 page
background image
Unsealed Receptacle Housings 1-Row
GET.64 Interconnection System
Housings and Connectors
Section Catalog 1307992-2.
Revised 4-2010.
Main Catalog 1654400-1
Chapter 6 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
6-11
Technical Features
No. of Positions:
4 (1 x 4) Position Assy
Side Latch
Housing Material:
PA66 GF35
Wire Size Range:
0.22–0.75 mm2
Product Specification:
114-13060
Application Specifications:
408-8955
408-8600
Part Numbers
Receptacle
Cover
Locking
Cover
Mating
Mating PCB Header
Housing
Device
and Lever
Pin Housing
Right-Angle
Vertical
Unsealed Receptacle Housings 1-Row
No. of
Positions
Keying
Options
Housing
Color
4 (1x 4)
A
Black
1438122-1
–––
6-1419166-1
––
18.9
24.2
8.0
2.54




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl