Selected language     English  ▼


9-1411325-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 9-1411325-2
Description  GET.64 Interconnection System
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 3 page
background image
Introduction
GET.64 Interconnection System
Contact System
Section Catalog 1307992-2.
Revised 4-2010.
Main Catalog 1654400-1
Chapter 6 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
6-3
I
0.22 to 0.75 mm2 wire range
¼ Two terminal sizes cover
3–8 amp requirements
(20 °C T-rise)
I
10 mating cycles
(tin, silver or gold)
¼ Robust receptacle to handle
multiple mates
I
Accepts up to 1.0 mm wide
blade
¼ Large interface flexibility
and robustness
I
Same shorting bar design
for sealed, unsealed, gold and
tin systems
¼ Economical shorting bar
solution
Features
I
CPA capability
¼ Assures connector mating
I
USCAR & SDS compatibility
¼ Standard interface for
multiple applications
I
2.54 mm x 2.54 mm spacing
¼ Typically smaller than
competition
I
8 keying options
¼ Maximum design flexibility
I
Tang-free contact
¼ Easier harness handling/
production
I
Good Stress Relaxation
performance (70 % remaining
after 3000 hr @ 150 °C)
¼ Used in USCAR Class III
range (–40 °C to +125 °C)
Applications
G
Airbag Restraint Modules
G
Power Control Modules
G
Generic Control Modules
G
Unsealed Harness Wiring
½ Inline Connections
½ Instrument Panel
½ Audio
½ Mirror
½ Switches
½ Actuators
½ Overhead Consoles
G
Sealed Harness Wiring
½ Mass Air Flow
½ Passenger Sensing
Product Offering
I
Tin, Silver and Gold Platings
I
Wire-to-Wire
I
Wire-to-PC Board
I
Wire-to-Device
I
Unsealed and Sealed
I
Hand Mate and Lever
Actuated




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl