Selected language     English  β–Ό


9-1411325-2 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 9-1411325-2
Description  GET.64 Interconnection System
Download  64 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 6 page
background image
Receptacle Contacts
GET.64 Interconnection System
Contact System – GET Second Generation
Section Catalog 1307992-2.
Revised 4-2010.
Main Catalog 1654400-1
Chapter 6 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
6-6
Technical Features
Insertion Force:
– Tin Terminals: < 4.0 N
Terminal Retention Force:
> 30 N (Preliminary)
> 75 N (Permanent)
Temperature Classification
(according to USCAR):
– Tin Terminals Class II:
–40 Β°C to +120 Β°C max.
up to +125 Β°C max.
Vibration (per USCAR):
– Unsealed Applications:
Body and Instrument Panel
Profile
– Sealed Applications:
Engine Compartment Profile
Dielectric Strength:
1,000 V AC min.
Voltage Drop (Initial Interface):
1.0 mV/A max.
Isolation Resistance:
20 MW @ 500 DC 500 V min.
Extraction Tool:
Part No. 3-1579007-6
2.1
16.25
1.95
Material
and Finish
Part Numbers
Strip
Packaging
Loose-
Packaging
Form
Unit
Piece
Unit
Applicator
Hand Tool
Receptacle Contacts
Wire Size Range
(mm2)
Insulation
Diameter
(mm)
0.13
0.80–1.05
Tin plated
1564880-1
10,000
1157164-6
0.22–0.35
1.10–1.65
Tin plated
1719957-1
10,000
––
1528698-6
–
0.50–0.75
1.40–2.06
Tin plated
1719958-1
10,000
––
1528699-6
Note: All Part Numbers are RoHS and ELV compliant.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl