Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTU16862 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSTU16862
Description  20-Bit Bus Switch with -2V Undershoot Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTU16862 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSTU16862 Datasheet HTML 1Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 2Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 3Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 4Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 5Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 6Page - Fairchild Semiconductor FSTU16862 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 4)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: VS is the voltage observed/applied at either the A or B Ports across
the switch.
Note 3: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 4: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 5: Typical values are at VCC = 5.0V and TA = +25°C
Note 6: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Note 7: Per TTL driven input, control pins only.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS) (Note 2)
−2.0V to +7.0V
DC Input Voltage (VIN) (Note 3)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN < 0V
−50 mA
DC Output Current (IOUT)128 mA
DC VCC/GND Current (ICC/IGND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.0V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)-40 °C to +85 °C
Symbol
Parameter
VCC
TA = −40 °C to +85 °C
Units
Conditions
(V)
Min
Typ
(Note 5)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18 mA
VIH
HIGH Level Input Voltage
4.0–5.5
2.0
V
VIL
LOW Level Input Voltage
4.0–5.5
0.8
V
II
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
010
µAV
IN = 5.5V
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤ A, B ≤ V
CC
RON
Switch On Resistance
4.5
4
7
VIN = 0V, IIN = 64 mA
(Note 6)
4.5
4
7
VIN = 0V, IIN = 30 mA
4.5
8
14
VIN = 2.4V, IIN = 15 mA
4.0
11
20
VIN = 2.4V, IIN = 15 mA
ICC
Quiescent Supply Current
5.5
3
µAV
IN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
One Input at 3.4V
(Note 7)
Other Inputs at VCC or GND
VIKU
Voltage Undershoot
5.5
−2.0
V
0.0 mA
≥ I
IN ≥ −50 mA
OE
= 5.5V


Similar Part No. - FSTU16862

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16862 FAIRCHILD-FSTU16862 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862MTD FAIRCHILD-FSTU16862MTD Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862QSP FAIRCHILD-FSTU16862QSP Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
More results

Similar Description - FSTU16862

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTU16861 FAIRCHILD-FSTU16861 Datasheet
157Kb / 6P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU16862 FAIRCHILD-FSTU16862_06 Datasheet
248Kb / 7P
   20-Bit Bus Switch with -2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384 Datasheet
241Kb / 6P
   20-Bit Low Power Bus Switch with -2V Undershoot Protection
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTU16245 FAIRCHILD-FSTU16245 Datasheet
190Kb / 6P
   16-Bit Bus Switch with -2V Undershoot Protection
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
FSTU3384 FAIRCHILD-FSTU3384 Datasheet
99Kb / 5P
   10-Bit Bus Switch with -2V Undershoot Hardened Circuit (UHC?? Protection
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU32160 FAIRCHILD-FSTU32160 Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com