Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5244B-TP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MMSZ5244B-TP
Description  500 mW Zener Diodes 2.4 to 39 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ5244B-TP Datasheet(HTML) 3 Page - Micro Commercial Components

  MMSZ5244B-TP Datasheet HTML 1Page - Micro Commercial Components MMSZ5244B-TP Datasheet HTML 2Page - Micro Commercial Components MMSZ5244B-TP Datasheet HTML 3Page - Micro Commercial Components MMSZ5244B-TP Datasheet HTML 4Page - Micro Commercial Components MMSZ5244B-TP Datasheet HTML 5Page - Micro Commercial Components MMSZ5244B-TP Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
//htmlimg2.alldatasheet.net/htmldatasheet2/526460/MCC/MMSZ5244B-TP/189/3/MMSZ5244B-TP.png


Similar Part No. - MMSZ5244B-TP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5244B-AU PANJIT-MMSZ5244B-AU Datasheet
263Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
logo
TAITRON Components Inco...
MMSZ5244B-F TAITRON-MMSZ5244B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
More results

Similar Description - MMSZ5244B-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
   500 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
   410 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com