Electronic Components Datasheet Search |
|
AD737ARZ Datasheet(PDF) 5 Page - Analog Devices |
|
AD737ARZ Datasheet(HTML) 5 Page - Analog Devices |
5 / 24 page Data Sheet AD737 Rev. I | Page 5 of 24 Parameter Test Conditions/ Comments AD737A, AD737J AD737K AD737J-5 Unit Min Typ Max Min Typ Max Min Typ Max 3 dB Bandwidth VIN = 1 mV rms 5 5 5 kHz VIN = 10 mV rms 55 55 55 kHz VIN = 100 mV rms 170 170 170 kHz VIN = 200 mV rms 190 190 190 kHz Low-Z Input (Pin 1) 1% Additional Error VIN = 1 mV rms 1 1 1 kHz VIN = 10 mV rms 6 6 6 kHz VIN = 40 mV rms 25 kHz VIN = 100 mV rms 90 90 90 kHz VIN = 200 mV rms 90 90 90 kHz 3 dB Bandwidth VIN = 1 mV rms 5 5 5 kHz VIN = 10 mV rms 55 55 55 kHz VIN = 100 mV rms 350 350 350 kHz VIN = 200 mV rms 460 460 460 kHz POWER-DOWN MODE Disable Voltage 0 0 V Input Current, PD Enabled VPD = VS 11 11 µA POWER SUPPLY Operating Voltage Range +2.8/ −3.2 ±5 ±16.5 +2.8/ −3.2 ±5 ±16.5 ±2.5 ±5 ±16.5 V Current No input 120 160 120 160 120 160 µA Rated input 170 210 170 210 170 210 µA Powered down 25 40 25 40 25 40 µA 1 POR is % of reading. 2 Nonlinearity is defined as the maximum deviation (in percent error) from a straight line connecting the readings at 0 V and at 200 mV rms. 3 After fourth-order error correction using the equation y = − 0.31009x4− 0.21692x3− 0.06939x2 + 0.99756x + 11.1 × 10−6 where y is the corrected result and x is the device output between 0.01 V and 0.3 V. 4 Crest factor error is specified as the additional error resulting from the specific crest factor, using a 200 mV rms signal as a reference. The crest factor is defined as VPEAK/V rms. 5 DC offset does not limit ac resolution. 6 Value is measured with respect to COM. |
Similar Part No. - AD737ARZ |
|
Similar Description - AD737ARZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |