Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD18200 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMD18200
Description  LMD18200 3A, 55V H-Bridge
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMD18200 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMD18200_13 Datasheet HTML 6Page - Texas Instruments LMD18200_13 Datasheet HTML 7Page - Texas Instruments LMD18200_13 Datasheet HTML 8Page - Texas Instruments LMD18200_13 Datasheet HTML 9Page - Texas Instruments LMD18200_13 Datasheet HTML 10Page - Texas Instruments LMD18200_13 Datasheet HTML 11Page - Texas Instruments LMD18200_13 Datasheet HTML 12Page - Texas Instruments LMD18200_13 Datasheet HTML 13Page - Texas Instruments LMD18200_13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LMD18200
SNVS091E – MAY 2004 – REVISED FEBRUARY 2011
www.ti.com
Figure 13. Transitions in Brake, Direction, or PWM Must Be Separated By At Least 1 µsec
USING THE CURRENT SENSE OUTPUT
The CURRENT SENSE output (pin 8) has a sensitivity of 377
μA per ampere of output current. For optimal
accuracy and linearity of this signal, the value of voltage generating resistor between pin 8 and ground should be
chosen to limit the maximum voltage developed at pin 8 to 5V, or less. The maximum voltage compliance is 12V.
It should be noted that the recirculating currents (free wheeling currents) are ignored by the current sense
circuitry. Therefore, only the currents in the upper sourcing outputs are sensed.
USING THE THERMAL WARNING FLAG
The THERMAL FLAG output (pin 9) is an open collector transistor. This permits a wired OR connection of
thermal warning flag outputs from multiple LMD18200's, and allows the user to set the logic high level of the
output signal swing to match system requirements. This output typically drives the interrupt input of a system
controller. The interrupt service routine would then be designed to take appropriate steps, such as reducing load
currents or initiating an orderly system shutdown. The maximum voltage compliance on the flag pin is 12V.
SUPPLY BYPASSING
During switching transitions the levels of fast current changes experienced may cause troublesome voltage
transients across system stray inductance.
It is normally necessary to bypass the supply rail with a high quality capacitor(s) connected as close as possible
to the VS Power Supply (Pin 6) and GROUND (Pin 7). A 1 μF high-frequency ceramic capacitor is recommended.
Care should be taken to limit the transients on the supply pin below the Absolute Maximum Rating of the device.
When operating the chip at supply voltages above 40V a voltage suppressor (transorb) such as P6KE62A is
recommended from supply to ground. Typically the ceramic capacitor can be eliminated in the presence of the
voltage suppressor. Note that when driving high load currents a greater amount of supply bypass capacitance (in
general at least 100
μF per Amp of load current) is required to absorb the recirculating currents of the inductive
loads.
10
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LMD18200


Similar Part No. - LMD18200_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
[Old version datasheet]   3A, 55V H-Bridge
More results

Similar Description - LMD18200_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
logo
Texas Instruments
LMD18200 TI-LMD18200_15 Datasheet
664Kb / 20P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18201 NSC-LMD18201 Datasheet
261Kb / 8P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com