Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C87B Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87B
Description  Precision Optically Isolated Voltage Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C87B Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-C87B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C87B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Figure 2. Transmitter Eye Mask
Table 4. Transmitter Optical Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Spectral Center Wavelength
lC
1500
1550
1580
nm
-20dB Spectral Width
Dl20
-
-
0.5
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Output Power, Average*
PO
-4
-
0
dBm
Extinction Ratio
ER
9
-
-
dB
Rise/Fall Time**
Tr/Tf
-
-
260
ps
Total Jitter (TJ)
TJ
-
-
0.28
UI
Optical Waveform
-
Compliant with IEEE 802.3z eye mask (Refer
to Figure 2)
-
Disable Optical Output Power
-
-
-
-35
dBm
† SMF 9/125
†† 20 % - 80 % edge rate without filter
Table 5. Receiver Optical Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Spectral Center Wavelength
lC
1270
-
1600
nm
Receiver Saturation
Pmax
0
-
.
dBm
Minimum Receiver Sensitivity
Pmin
.
-
-21
dBm
RX_LOS Assert Level
LOSA
-35
-
.
dBm
RX_LOS De-assert Level
LOSD
.
-
-24.5
dBm
RX_LOS Hysteresis
LOSHYS
0.5
2
.
dB
Return Loss
RL
12
-
.
dB
† Receiver sensitivity is measured at the center of the eye for BER=1x10-12 using PRBS 2^7-1
130
100
80
50
20
0
-20
22
37.5
62.5
78
0
100
Normalized Time (% of Unit Interval)


Similar Part No. - ACPL-C87B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B AVAGO-ACPL-C87B Datasheet
128Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACPL-C87B BOARDCOM-ACPL-C87B Datasheet
1Mb / 16P
   Precision Optically Isolated Voltage Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B-000E AVAGO-ACPL-C87B-000E Datasheet
128Kb / 14P
   Precision Optically Isolated Voltage Sensor
ACPL-C87B-500E AVAGO-ACPL-C87B-500E Datasheet
128Kb / 14P
   Precision Optically Isolated Voltage Sensor
ACPL-C87BT AVAGO-ACPL-C87BT Datasheet
1Mb / 14P
   Automotive High Precision DC Voltage Isolation Sensor
More results

Similar Description - ACPL-C87B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87A-500E AVAGO-ACPL-C87A-500E Datasheet
150Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACPL-C87B BOARDCOM-ACPL-C87B Datasheet
1Mb / 16P
   Precision Optically Isolated Voltage Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B AVAGO-ACPL-C87B Datasheet
128Kb / 14P
   Precision Optically Isolated Voltage Sensor
ACPL-C87A-000E AVAGO-ACPL-C87A-000E Datasheet
150Kb / 14P
   Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
IXYS Corporation
LIA135 IXYS-LIA135 Datasheet
252Kb / 13P
   Low Voltage Optically Isolated Error Amplifiers
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com