Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2009YM6-TR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2009YM6-TR
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2009YM6-TR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2009YM6-TR Datasheet HTML 7Page - Micrel Semiconductor MIC2009YM6-TR Datasheet HTML 8Page - Micrel Semiconductor MIC2009YM6-TR Datasheet HTML 9Page - Micrel Semiconductor MIC2009YM6-TR Datasheet HTML 10Page - Micrel Semiconductor MIC2009YM6-TR Datasheet HTML 11Page - Micrel Semiconductor MIC2009YM6-TR Datasheet HTML 12Page - Micrel Semiconductor MIC2009YM6-TR Datasheet HTML 13Page - Micrel Semiconductor MIC2009YM6-TR Datasheet HTML 14Page - Micrel Semiconductor MIC2009YM6-TR Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
11
M9999-080211-D
Electrical Characteristics
(4) (Continued)
VIN = 5V, TA = 25°C unless otherwise specified. Bold indicates –40°C to +85°C limits; CIN = 1µF.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
MIC2003-MIC2009, MIC2013-MIC2019, MIC2005-X.XL
Switch = ON
Active Low Enable, VEN = 0V
Active High Enable, VEN = 1.5V
80
330
Switch = OFF
Active Low Enable, VEN = 1.5V
8
15
IIN
Supply Current
(5)
Switch = OFF
Active High Enable, VEN = 0V
1
5
µA
70
100
RDS(ON)
Power Switch Resistance
VIN = 5V, IOUT = 100mA
125
mΩ
MIC2003-X.X, MIC2004-X.X, MIC2005-X.X, MIC2006-X.X, MIC2013-X.X, MIC2014-X.X, MIC2015-X.X MIC2016-X.X, MIC2005-X.XL
−0.5, VOUT = 0.8 × VIN
0.5
0.7
0.9
−0.8, VOUT = 0.8 × VIN
0.8
1.1
1.5
ILIMIT
Fixed Current Limit
−1.2, VOUT = 0.8 × VIN
1.2
1.6
2.1
A
MIC2005-0.5
ILIMIT
Fixed Current Limit
VOUT = 0.8 × VIN
0.5
0.7
0.9
A
MIC2007, MIC2008, MIC2009, MIC2017, MIC2018, MIC2019
IOUT = 2.0A, VOUT = 0.8 × VIN
210
250
286
IOUT = 1.0A, VOUT = 0.8 × VIN
190
243
293
IOUT = 0.5A, VOUT = 0.8 × VIN
168
235
298
CLF
Variable Current Limit
Factors
IOUT = 0.2A, VOUT = 0.8 × VIN
144
225
299
V
MIC2013, MIC2014, MIC2015, MIC2016, MIC2017, MIC2018, MIC2019
ILIMIT_2nd
Secondary Current Limit
VIN = 2.5V, VOUT = 0V
2.2
4
6
A
MIC2006, MIC2016
VUVLO_TH
Variable UVLO Threshold
225
250
275
mV
MIC20x4, MIC20x7
RDSCHG
Load Discharge Resistance
VIN = 5V, ISINK = 5mA
70
126
200
MIC20X5, MIC20X6, MIC20X7, MIC20X8
ICSLEW
CSLEW Input Current
0V
≤ VOUT ≤ 0.8VIN
0.175
µA


Similar Part No. - MIC2009YM6-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2009YM6-TR MICROCHIP-MIC2009YM6-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2009YM6-TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com